Electronic Components Datasheet Search
  English  ▼

X  

MAX2235 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX2235
Description  3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX2235 Datasheet(HTML) 2 Page - Analog Devices

  MAX2235 Datasheet HTML 1Page - Analog Devices MAX2235 Datasheet HTML 2Page - Analog Devices MAX2235 Datasheet HTML 3Page - Analog Devices MAX2235 Datasheet HTML 4Page - Analog Devices MAX2235 Datasheet HTML 5Page - Analog Devices MAX2235 Datasheet HTML 6Page - Analog Devices MAX2235 Datasheet HTML 7Page - Analog Devices MAX2235 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VCC to GND .........................................................-0.3V to +6.5V
SHDN
to GND .......................................... -0.3V to (VCC + 0.3V)
GC to GND............................................... -0.3V to (VCC + 0.3V)
RF Input Power ................................................+13dBm (20mW)
Maximum Load Mismatch without Damage,
VCC = +2.7V to +3.4V, Any Load Phase Angle,
Any Duration..................................................................... 20:1
Maximum Load Mismatch without Damage,
VCC = +3.4V to +5.5V, Any Load Phase Angle,
Any Duration.........................................................................8:1
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 80mW/°C above TA = +70°C)................6.4W
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = +2.7V to +5.5V, GC = RAMP = REF = unconnected, no input signal applied, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VCC = +3.6V and TA = +25°C.)
DC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN
Logic High
VIH
(Note 1)
2.0
V
SHDN
Logic Low
VIL
0.5
V
Shutdown Supply Current
ISHDN
SHDN
= GND
0.5
100
µA
2.7V < VCC < 3.4V, SHDN = GND,
TA = +55°C
2
Standby Supply Current
ISTBY
VGC < 0.4
20
mA
SHDN
Input Current
IINSHDN
VSHDN = 2.0V
0.5
µA
VSHDN < 0.5V
-0.5
0.5
GC Input Current
IGC
VSHDN < 0.5V, VGC < 0.4V
-0.5
0.5
µA
VSHDN > 2.3V, VGC > 0.6V
-10
1.0
GC Open-Circuit Voltage
VGCNOM (Note 2)
2.0
2.2
2.4
V
www.analog.com
Analog Devices │ 2
MAX2235
+3.6V, 1W Autoramping Power
Amplifier for 900MHz Applications
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com