Electronic Components Datasheet Search
  English  ▼

X  

MAX2235 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX2235
Description  3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX2235 Datasheet(HTML) 1 Page - Analog Devices

  MAX2235 Datasheet HTML 1Page - Analog Devices MAX2235 Datasheet HTML 2Page - Analog Devices MAX2235 Datasheet HTML 3Page - Analog Devices MAX2235 Datasheet HTML 4Page - Analog Devices MAX2235 Datasheet HTML 5Page - Analog Devices MAX2235 Datasheet HTML 6Page - Analog Devices MAX2235 Datasheet HTML 7Page - Analog Devices MAX2235 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX2235 low-voltage, silicon RF power amplifier (PA)
is designed for use in the 900MHz frequency band. It oper-
ates directly from a single +2.7V to +5.5V supply, making
it suitable for use with 3-cell NiCd or 1-cell Li-Ion batteries.
The device delivers +30dBm (1W) typical output power
from a +3.6V supply or +28dBm from a +2.7V supply.
The MAX2235’s gain is adjustable over a 37dB range.
A power-control pin controls gain and bias to maintain
optimum efficiency, even at lower output power levels,
thus extending the operating life of the battery. At +30dBm
output power, efficiency is typically 47%. An additional
power-saving feature is a shutdown mode that typically
reduces supply current below 1μA.
A key feature of this PA is its autoramping capability.
During turn-on and turn-off periods, the RF envelope is
controlled to approximate a raised cosine on the rising
and falling edge, thereby minimizing transient noise and
spectral splatter. The ramp time is set by selecting the
value of an external capacitor.
The MAX2235 is intended for use in constant envelope
applications such as AMPS, two-way paging, or FSK-
based communications in the 900MHz ISM band. The
device is available in a thermally enhanced 20-pin TSSOP
package with a heat slug.
Applications
● 900MHz ISM-Band Applications
● Two-Way Pagers
● Analog Cellular Phones
● Microcellular GSM (Power Class 5)
● Wireless Data Networks
Features
● 800MHz to 1000MHz Operation
● High Output Power at 836MHz
• +32.5dBm at +5.0V
• +30dBm at +3.6V
• +29dBm at +3.0V
• +28dBm at +2.7V
● +2.7V to +5.5V Single-Supply Operation
● Automatic Power-Up/Power-Down Ramp
● Direct On/Off Keying (OOK) without Intersymbol
Interference or VCO Pulling
● 37dB Power-Control Range
● 47% Efficiency
● <1μA Supply Current in Shutdown Mode
● Small 20-Pin TSSOP Package with Heat Slug
19-1463; Rev 3; 8/21
PART
TEMP. RANGE
PIN-PACKAGE
MAX2235EUP
-40°C to +85°C
20 TSSOP-EP
+3.6V, 1W Autoramping Power
Amplifier for 900MHz Applications
MAX2235
Evaluation Kit
Available
Design
Resources
Tools
and Models
Support
One Analog Way, Wilmington, MA 01887 U.S.A. |
Tel: 781.329.4700
|
© 2021 Analog Devices, Inc. All rights reserved.
© 2021 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
Click here to ask an associate for production status of specific part numbers.
Functional Diagram
Pin Configuration
Ordering Information
MAX2235
SHDN
GC
RFIN
RAMP
BIAS
VCC
VCC VCC
VCC
REF
NOTE: SOLDER UNDERSIDE OF METAL SLUG TO BOARD GND PLANE.
RFOUT
GND
GND
GND
15, 16
6, 7, 10
2
1
11
4
3
5
8, 9
12
19
20
13, 14, 17, 18, SLUG
VGA
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
GC
SHDN
GND
GND
VCC
VCC
GND
RFIN
TOP VIEW
RFOUT
RFOUT
GND
GND
VCC
GND
GND
VCC
12
11
9
10
REF
RAMP
GND
VCC
MAX2235
+
TSSOP-EP
NOTE: THE GROUND OF THE OUTPUT STAGE IS CONNECTED TO THE
UNDERSIDE METAL SLUG.


Similar Part No. - MAX2235

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2235 MAXIM-MAX2235 Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
MAX2235EUP MAXIM-MAX2235EUP Datasheet
149Kb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2235EVKIT MAXIM-MAX2235EVKIT Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
MAX2235 MAXIM-MAX2235_1 Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
More results

Similar Description - MAX2235

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
logo
RF Micro Devices
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
logo
Intersil Corporation
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
logo
RF Micro Devices
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601_08 Datasheet
93Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
logo
eleflow technologies co...
2SK3078 ELEFLOW-2SK3078 Datasheet
73Kb / 1P
900MHz band amplifier applications.(GSM)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com