Electronic Components Datasheet Search
  English  ▼

X  

MAX2235 Datasheet(PDF) 5 Page - Analog Devices

Part # MAX2235
Description  3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX2235 Datasheet(HTML) 5 Page - Analog Devices

  MAX2235 Datasheet HTML 1Page - Analog Devices MAX2235 Datasheet HTML 2Page - Analog Devices MAX2235 Datasheet HTML 3Page - Analog Devices MAX2235 Datasheet HTML 4Page - Analog Devices MAX2235 Datasheet HTML 5Page - Analog Devices MAX2235 Datasheet HTML 6Page - Analog Devices MAX2235 Datasheet HTML 7Page - Analog Devices MAX2235 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
(MAX2235 Evaluation Kit, GC = unconnected, fRFIN = 836MHz, VCC = VSHDN = +3.6V, TA = +25°C, unless otherwise noted.)
Analog Devices │ 5
www.analog.com
MAX2235
+3.6V, 1W Autoramping Power
Amplifier for 900MHz Applications
Typical Operating Characteristics (continued)
0
400
200
800
600
1200
1000
1400
0
40
60
20
80
100
120
RISE TIME vs. RAMPING CAPACITANCE
CAPACITANCE (nF)
FULL POWER = +20dBm
FULL POWER = +10dBm
FULL POWER = +30dBm
0
400
200
800
600
1000
1200
0
40
60
20
80
100
120
FALL TIME vs. RAMPING CAPACITANCE
CAPACITANCE (nF)
FULL POWER = +20dBm
FULL POWER = +10dBm
FULL POWER = +30dBm
PIN
NAME
FUNCTION
1
RFIN
RF Input. A DC blocking capacitor in series with RFIN is required. The value of the capacitor depends on
the operating frequency.
2
GND
GND connection for the input stage (variable-gain amplifier). Connect to the circuit board ground plane
with a separate low-inductance path (via).
3
VCC
Supply Voltage Input for the Input Stage. Bypass with its own 100pF low-inductance capacitor to GND.
4
VCC
Supply Voltage Input for Bias Circuitry. Bypass with its own 100pF low-inductance capacitor and a 1000pF
capacitor to GND, to minimize RF signal coupling into the bias circuits.
5
VCC
Supply Voltage Input for the Input Stage. Bypass with its own 22pF low-inductance capacitor to pins 6 and 7.
6, 7, 10
GND
GND Connection for the Second-Stage Amplifier (driver). Connect to the circuit board ground plane with a
separate low-inductance path (via).
8
VCC
Supply Voltage Input for the Second Stage. Bypass with its own 220pF and 1000pF low-inductance
capacitors to GND.
9
VCC
Supply Voltage Input for the Second Stage. Connect to pin 8.
11
RAMP
Power Ramp Pin. Connect a capacitor between RAMP and REF to provide a gradual linear power-up/down
ramp. See Detailed Description.
12
REF
Reference Voltage for RAMP Capacitor. The reference is internally set to 1.9V.
13, 14,
17, 18,
SLUG
GND
GND Connection for the Power Stage. Solder the slug to the circuit board ground plane. Connect pins 13,
14, 17, and 18 to the slug with a straight board trace under the chip.
15
RFOUT
Power Amplifier Output. See Typical Operating Circuit for an example of a matching network, which provides
optimal output power at 836MHz. Connect to pin 16.
16
RFOUT
Power Amplifier Output. Connect to pin 15.
19
SHDN
Shutdown Pin. Drive SHDN low to turn the device off. Drive above 2.0V to turn the device on. Drive VSHDN
> 2.0V and VGC < 0.4V for standby mode.
20
GC
Gain-Control Pin. Apply VGC between 0.6V and 2.3V to control the output power with a monotonic dB/V
relationship. See the Typical Operating Characteristics for a typical relationship.
Pin Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com