Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GY Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MPX2003GY Datasheet HTML 13Page - Monolithic Power Systems MPX2003GY Datasheet HTML 14Page - Monolithic Power Systems MPX2003GY Datasheet HTML 15Page - Monolithic Power Systems MPX2003GY Datasheet HTML 16Page - Monolithic Power Systems MPX2003GY Datasheet HTML 17Page - Monolithic Power Systems MPX2003GY Datasheet HTML 18Page - Monolithic Power Systems MPX2003GY Datasheet HTML 19Page - Monolithic Power Systems MPX2003GY Datasheet HTML 20Page - Monolithic Power Systems MPX2003GY Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
17
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 115VAC/230VAC, VOUT = 5V, 9V, 15V, or 20V, IOUT = 0A to 3.25A, unless otherwise noted.
EMI
VIN = 115VAC, L line, VOUT = 20V, IOUT = 3.25A
EMI
VIN = 115VAC, N line, VOUT = 20V, IOUT = 3.25A
EMI
VIN = 230VAC, L line, VOUT = 20V, IOUT = 3.25A
EMI
VIN = 230VAC, N line, VOUT = 20V, IOUT = 3.25A
150 kHz
30 MHz
1 PK
CLRWR
2 AV
CLRWR
SGL
6DB
dBµV
dBµV
TDS
MT
20 ms
RBW
9 kHz
PREAMP OFF
Att 10 dB
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q
Date: 8.MAR.2022
10:01:13
150 kHz
30 MHz
1 PK
CLRWR
2 AV
CLRWR
SGL
6DB
dBµV
dBµV
TDS
MT
20 ms
RBW
9 kHz
PREAMP OFF
Att 10 dB
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q
Date: 8.MAR.2022
09:58:14
150 kHz
30 MHz
1 PK
CLRWR
2 AV
CLRWR
SGL
6DB
dBµV
dBµV
TDS
MT
20 ms
RBW
9 kHz
PREAMP OFF
Att 10 dB
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q
Date: 8.MAR.2022
10:04:21
150 kHz
30 MHz
1 PK
CLRWR
2 AV
CLRWR
SGL
6DB
dBµV
dBµV
TDS
MT
20 ms
RBW
9 kHz
PREAMP OFF
Att 10 dB
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55022A
EN55022Q
Date: 8.MAR.2022
10:07:14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com