Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GY Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPX2003GY Datasheet HTML 7Page - Monolithic Power Systems MPX2003GY Datasheet HTML 8Page - Monolithic Power Systems MPX2003GY Datasheet HTML 9Page - Monolithic Power Systems MPX2003GY Datasheet HTML 10Page - Monolithic Power Systems MPX2003GY Datasheet HTML 11Page - Monolithic Power Systems MPX2003GY Datasheet HTML 12Page - Monolithic Power Systems MPX2003GY Datasheet HTML 13Page - Monolithic Power Systems MPX2003GY Datasheet HTML 14Page - Monolithic Power Systems MPX2003GY Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
11
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
14.35
14.4
14.45
14.5
14.55
-50
0
50
100
150
TEMPERATURE (
℃)
V
CC-IOFF vs. Temperature
8.2
8.22
8.24
8.26
8.28
-50
0
50
100
150
TEMPERATURE (
℃)
V
CC-MIN vs. Temperature
5.43
5.45
5.47
5.49
5.51
5.53
-50
0
50
100
150
TEMPERATURE (
℃)
V
CC-AUT vs. Temperature
190
195
200
205
210
215
220
225
230
-50
0
50
100
150
TEMPERATURE (
℃)
V
BV-SRD vs. Temperature
210
220
230
240
250
-50
0
50
100
150
TEMPERATURE (
℃)
I
Q_VDD_5V vs. Temperature
1.16
1.18
1.2
1.22
1.24
1.26
-50
0
50
100
150
TEMPERATURE (
℃)
V
REF vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com