Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GY Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MPX2003GY Datasheet HTML 23Page - Monolithic Power Systems MPX2003GY Datasheet HTML 24Page - Monolithic Power Systems MPX2003GY Datasheet HTML 25Page - Monolithic Power Systems MPX2003GY Datasheet HTML 26Page - Monolithic Power Systems MPX2003GY Datasheet HTML 27Page - Monolithic Power Systems MPX2003GY Datasheet HTML 28Page - Monolithic Power Systems MPX2003GY Datasheet HTML 29Page - Monolithic Power Systems MPX2003GY Datasheet HTML 30Page - Monolithic Power Systems MPX2003GY Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
27
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
The peak value for the primary current can be
calculated with Equation (7):
AV
PEAK
P
I
I
K
(1
) D
2
=
−
(7)
The ripple value for the primary current can be
estimated with Equation (8):
RIPPLE
P
PEAK
I
K
I
=
(8)
The valley value for the primary current can be
calculated with Equation (9):
VALLEY
P
PEAK
I
(1 K ) I
= −
(9)
The magnetizing inductance can be estimated
with Equation (10):
= IN(MIN)
ON
M
RIPPLE
Vt
L
I
(10)
Selecting the Current-Sense Resistor
Figure 15 shows the peak current comparator
logic.
-
+
VLIMIT
CS
Slope
Compensation
R
S
Q
PDRV
LEB
Over-Power
Compensation
Figure 15: Peak Current Comparator Circuit
Logic
Figure 16 shows the peak current comparator
waveform.
VPEAK
SRAMP x tON
IPEAK x RSENSE
IHVCS x RHVCS
Figure 16: Peak Current Comparator Waveform
When the sum of the voltage on the current-
sense resistor, the voltage on the over-power
compensation
resistor,
and
the
voltage
generated by the slope compensation block
reach VPEAK, the comparator goes high to reset
the RS flip-flop, and DRV is pulled down to turn
off the MOSFET (see Figure 15). The maximum
current limit is VIPK-MAX. The slope compensator
is SRAMP, and at low line the over-power
compensation is zero. Given a certain margin,
VPEAK is equal to 0.95 x VIPK-MAX under full loads.
The voltage on the current-sense resistor can be
calculated with Equation (11):
SENSE
IPK MAX
RAMP
ON
V
95% V
S
t
−
=
−
(11)
The current-sense resistor can be estimated with
Equation (12):
= SENSE
SENSE
PEAK
V
R
I
(12)
Select
a
current-sense
resistor
with
an
appropriate power rating. The current-sense
resistor’s power loss can be calculated with
Equation (13):
(
)

+

=
+
−
 





2
2
PEAK
VALLEY
SENSE
PEAK
VALLEY
SENSE
II
1
P
I
I
D R
2
12
(13)
Over-Power Compensation and Selecting
the Low-Pass Filter on CS
The MPX2003 has an over-power compensation
(OPC) function that draws current from CS. The
purpose of OPC is to minimize the OLP
difference caused by different input voltages.
The offset current is proportional to the input
peak voltage sensed by HV.
Assume the resistor in the current-sense loop is
RHVCS
and
the
bus
voltage
is
VHV.
The
compensation voltage on the CS pin can be
estimated with Equation (14):
OPC
HVCS
HVCS
V
R
I
=
(14)
The compensation criteria makes the COMP pin
voltage under high-line, full-load conditions
similar to its voltage under low-line, full-load
conditions. Generally, RHVCS is recommended to
be between hundreds of Ohms to one thousand
Ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com