Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GY Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MPX2003GY Datasheet HTML 29Page - Monolithic Power Systems MPX2003GY Datasheet HTML 30Page - Monolithic Power Systems MPX2003GY Datasheet HTML 31Page - Monolithic Power Systems MPX2003GY Datasheet HTML 32Page - Monolithic Power Systems MPX2003GY Datasheet HTML 33Page - Monolithic Power Systems MPX2003GY Datasheet HTML 34Page - Monolithic Power Systems MPX2003GY Datasheet HTML 35Page - Monolithic Power Systems MPX2003GY Datasheet HTML 36Page - Monolithic Power Systems MPX2003GY Datasheet HTML 37Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
33
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
Figure 25 shows the MPX2003’s typical application circuit with a universal input and 65W output
specification.
1
μF/50V/0805
C21
10k
Ω/1%
R23
30k
Ω/1%
R22
5m
Ω/1%/1206
R24
100nF/50V
C22
1
μF/25V
C20
100nF/50V
C19
390pF/50V
C23
B12
A1
B10
A3
B9
A4
B7
A6
B4
A9
B1
A12
B11
A2
B8
A5
B6
A7
B5
A8
B2
A11
B3
A10
CN1
USB-C
390pF/50V
C24
1
2
3
4
5
Q5
AM4431P
Output:
5V/3A; 9V/3A; 12V/3A;15V/3A; 20V/3.25A
CC1
DP0
CC2
DM0
SGND
CC2
CC1
DP0
DM0
SGND
SGND
FB
23
24
21
20
11
4
15
14
16
VDDD
VCCD
CATH/COM
FB
GPIO
GND
CSP
VBUS_DISCHARGE VBUS_P_CTRL
VBUS_C_MON_DISCHARGE
VBUS_C_CTRL
CC2
CC1
AXRES/GPIO
DM0
SWD_DAT_0 SWD_CLK_0
17
DP0
5,6,10,12,13
U3
CCG3PA
NC
C18
Vo
VBUS+
PPS: 3.3V21V/3A
Daughter Board/PD Controller Stage
2
1
3
4
4
5
6
1
2
3
2.2
μF/25V
C25
IN
GND
OUT
FB
U4
MPQ2013AGJE-33
0805
SGND
2.2
μF/10V
C26
Q6
NTZD3152P
100k
Ω/1%
R25
D8
B0530W
CC1
CC2
P1.0
P1.1
SOD-123
D8
B0530W
SOD-123
100k
Ω/1%
R26
VCONN Power Circuit
2
3
4
5
NP:NS:NP_AUX2 = 36:6:16
RM8
T1
LP = 240μH
PGND
PGND
PGND
L2
N1
22
μF/100V
C6
1.5nF/250V/0805
C12
S1JL
D5
600V/1A
R17
3.15A/250V
VIN = 90VAC to 264VAC
PGND
PGND
10pF/50V
C8
1nF/50V
C9
HV
HV
63.4k
Ω/1%
R19
200k
Ω/1%
R18
750
Ω/1%
R8
SDRV
PGND
SRD
10k
Ω/1%
R9
1N4148WS
D2
75V/0.15A
0
Ω/1%/1206
B1
300k
Ω
R5
1%/1206
100
Ω/5%/0805
R6
1.5nF/50V
C11
100k
Ω/1%
R14
F1
ABS210
BD1,BD2
1000V/2A
0.3
Ω/1%
R3
1206
1k
Ω/1%
R13
820
μF
C15
25V
1nF
CY1
1nF/630V/1206
C5
2.2
μF/25V
C14
0805
NC
R11
820pF/50V
C10
1
2
3
4
5
0.3
Ω/1%
R4
1206
IPA70R360P7
1
Q1
700V/12.5A
SIR870ADP
Q3
100V/5.5m
Ω/60A
470nF/275VAC
CX1
L1
47
μH
2.5A
LX1
300
μH
1A
M7
D1
1kV/1A
33
μF
C3
400V
180
Ω/1%/1206
R16
22
μF
C1
400V
33
μF
C2
400V
SGND
SGND
SGND
SGND
SGND
R15
NP_AUX2
NS
NP
PEP
3
PDRV
6
IS
15
SDRV
9
COMP
12
Vcc
5
SGND
16
PGND
4
SRD
10
SGND
11
PGND
8
VDD
13
HV
1
CS
7
FB
14
MPX2003
U1
D4 NC
A
B
NC/1206
C4
NC
C17
0
Ω/1%/1206
R7
L1
L2
NC
NC
L1
NC
NC
L2
U2
HF81
499k
Ω/ 1%
R1
1206
560pF/50V
C16
Main Board/Power Stage
499k
Ω/ 1%
R2
1206
1
C
0
Ω/1%/1206
R12
LBSS123LT1G
Q2
100V
100k
Ω
R10
0805
D3
22V/5mA
10
μF/25V
C7
BZT52C22
VCC
NP_AUX1
NS_AUX
VCC
D6 NC
22
μF/50V
C13
NC
Q4
D7
NC
NC
R21
0
Ω
JR1
33k
Ω/1%
R20
FB
FB
1206
NC
2
SGND
FB
VBUS+
Figure 25: Example of the 65W PD Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com