Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GY Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MPX2003GY Datasheet HTML 25Page - Monolithic Power Systems MPX2003GY Datasheet HTML 26Page - Monolithic Power Systems MPX2003GY Datasheet HTML 27Page - Monolithic Power Systems MPX2003GY Datasheet HTML 28Page - Monolithic Power Systems MPX2003GY Datasheet HTML 29Page - Monolithic Power Systems MPX2003GY Datasheet HTML 30Page - Monolithic Power Systems MPX2003GY Datasheet HTML 31Page - Monolithic Power Systems MPX2003GY Datasheet HTML 32Page - Monolithic Power Systems MPX2003GY Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
29
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
The PEP pin can also provide over-voltage
protection
(OVP)
using
several
passive
components. The breakdown voltage (BV) of the
Zener diode should be equal to the over-voltage
threshold when an over-voltage condition occurs.
For example, the BV of the Zener diode is equal
to the VCC over-voltage threshold when a
secondary over-voltage condition occurs.
Figure 20 shows OVP through the PEP pin.
PEP
Q
R
Zener
Diode
VCC
OVP
0.5V
Figure 20: OVP through PEP
Cable Drop Compensation
The CP voltage is proportional to the IS voltage
(VIS). The default ratio between VIS and the
compensation voltage on FB is 3:3.7, which
means that when the IS voltage reaches its
maximum value (40mV), the compensation
voltage on the FB reference is about 50mV. The
cable drop’s compensation voltage on the output
can be calculated with Equation (20):
HL
CP
IS
OUT
L
(R
VR
R)
3.7
I
3R
=
+
(20)
Cable drop compensation is disabled when the
IS pin is shorted to GND on the secondary side.
Overload Protection through the IS Pin
Overload protection can be achieved through the
IS pin. Place one high-precision current-sense
resistor in the output power loop and measure
the voltage drop on this resistor through the IS
pin. When VIS exceeds VOLP, the MPX2003
enters secondary OLP (SOLP) after a certain
time (tOLP). This sensing resistor follows the
relationship estimated with Equation (21):
OLP
IS
OUT
R
V
(0.8 ~ 0.9)
I
=
(21)
Figure 21 shows OLP through the IS pin.
+
OLP
VOLP
Timer 1
IS
VOUT+
VOUT-
RIS
Figure 21: OLP through the IS Pin
If RIS can be shorted, OLP through the IS pin is
disabled.
Selecting the SR MOSFET
Power MOSFET selection is a tradeoff between
RDS(ON) and QG. To improve efficiency, use a
MOSFET with a lower RDS(ON). Generally, a
MOSFET with a lower RDS(ON) has a higher QG,
which
reduces
the
turn-on/off
speed
and
increases switching loss.
If QG is not optimized, the gate driving signal may
turn off prematurely. A MOSFET with an RDS(ON)
that is too low is not recommended because the
gate driver is pulled low
when the MOSFET’s
drain-source voltage (VDS, calculated by -ISD x
RDS(ON)) exceeds -VFWD.
The MOSFET’s RDS(ON) does not contribute to
conduction loss, because VDS is adjusted at
-VFWD during the driving period (when the
switching current is fairly small). The conduction
loss can be calculated with Equation (22):
CON
DS
SD
SD
FWD
P
-V
I
I
V
=
(22)
Figure 22 on page 30 shows the typical
waveform when a flyback application works in
DCM. Assume a 50% duty cycle, and the output
current is IOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com