Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GY Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPX2003GY Datasheet HTML 5Page - Monolithic Power Systems MPX2003GY Datasheet HTML 6Page - Monolithic Power Systems MPX2003GY Datasheet HTML 7Page - Monolithic Power Systems MPX2003GY Datasheet HTML 8Page - Monolithic Power Systems MPX2003GY Datasheet HTML 9Page - Monolithic Power Systems MPX2003GY Datasheet HTML 10Page - Monolithic Power Systems MPX2003GY Datasheet HTML 11Page - Monolithic Power Systems MPX2003GY Datasheet HTML 12Page - Monolithic Power Systems MPX2003GY Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
9
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values tested at TJ = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Turn-off delay
tSR-OFFD
CL = 4.7nF
35
62
ns
Minimal on time
tON-MIN
0.4
0.7
1
µs
Driver voltage low level
VDRV-L
VDD = VDD-OFF + 0.1V
0.1
V
VDD = 5V
0.1
Driver voltage high level
VDRV-H
VDD = VDD-OFF + 0.1V
4.1
4.3
4.6
V
VDD = 5V
5
VDD = 12V
9
10
VDD = 24V
9
10
Max sourcing current (5)
ISON
VDD = 12V
0.5
A
Max sinking current (5)
ISOFF
VDD = 12V
3
A
Driver pull-down resistance
RPULL-DOWN
CL = 4.7nF, VDD = 12V
0.65
1.05
Ω
Dead time under CCM
conditions
tDT
15
ns
Secondary Side (IS)
Overload protection
threshold
VOLP
37
42
47
mV
Overload protection delay
tOLP
55
66
77
ms
Maximum CDC voltage on
FB
VCDC_MAX
VIS = 40mV
50
mV
Secondary Side (COMP)
Transconductance
GM
430
µA/V
Maximum sink current
ISINK
56
86
120
µA
Maximum source current
ISOURCE
-125
-88
-60
µA
Maximum COMP voltage
VCOMP-S
VDD = 5V
2.5
2.6
2.7
V
Threshold for the max
frequency limitation
VFS-MAX
2.12
2.24
2.36
V
Threshold for burst entry
VBURST
0.3
0.33
0.36
V
Burst exit hysteresis
VBURST-HYS
0.018
V
Maximum PFM frequency
fPFM-MAX
TJ = 25°C
135
140
145
kHz
Minimal PFM (burst entry)
frequency
fPFM-MIN
TJ = 25°C
18
20
kHz
Burst exit frequency
fPFM-MIN
TJ = 25°C
18
20
kHz
Secondary Side
– Internal Thermal Protection
OTP threshold (5)
TOTP-S
150
°C
Hysteresis to recover from
OTP (5)
TΔ-S
40
°C
Note:
5)
These parameters are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com