Electronic Components Datasheet Search
  English  ▼

X  

MPX2003GY Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MPX2003GY
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GY Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MPX2003GY Datasheet HTML 21Page - Monolithic Power Systems MPX2003GY Datasheet HTML 22Page - Monolithic Power Systems MPX2003GY Datasheet HTML 23Page - Monolithic Power Systems MPX2003GY Datasheet HTML 24Page - Monolithic Power Systems MPX2003GY Datasheet HTML 25Page - Monolithic Power Systems MPX2003GY Datasheet HTML 26Page - Monolithic Power Systems MPX2003GY Datasheet HTML 27Page - Monolithic Power Systems MPX2003GY Datasheet HTML 28Page - Monolithic Power Systems MPX2003GY Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
25
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Secondary Over-Voltage Protection (SOVP)
If the FB voltage exceeds the OVP threshold
(VOVP) and lasts longer than the OVP delay time
(tOVP-D), the secondary over-voltage protection
(SOVP) flag is set to high and switching stops.
Switching reverts to normal modulation once the
FB voltage returns to VREF. During SOVP, there
is an extra current (IBLD) drawn from the VDD pin.
This
current
helps
ease
the
over-voltage
condition by discharging the VDD capacitor.
FB Open-Loop Protection (FBOLP)
If there are fault conditions (i.e. FB shorted to
SGND or an upper FB resistor is open), the
MPX2003 loses its feedback loop and VOUT goes
out of regulation. To protect the circuit from being
further damaged, the MPX2003 implements a
cross check between VOUT and the FB voltage.
If VDD exceeds VDD-RDY, this means that VDD is no
longer supplied by SRD. If the FB voltage is still
below VFBO, the secondary IC initiates FB open-
loop protection (FBOLP) after a validation time
(tFBO).
The internal leakage current (IFB) guarantees
that the FB voltage is always pulled to SGND
when the FB pin is open.
SR Gate Open/Short Protection
(SGOP/SGSP)
If SDRV is set but the SRD voltage remains low
during the conduction period, this indicates that
the SR may not be successfully turned on due to
an unexpected fault condition, such as an open
gate or a broken MOSFET. The MPX2003
implements SR gate open protection (SGOP) to
protect the circuitry from being further damaged
under these conditions.
The threshold for SR driver open detection is
VSGO, and the condition must remain for 8
consecutive switching cycles for validation. If
SGOP is triggered, the secondary IC does not
recover until there is another primary IC self
start-up.
If SDRV detects that the connected resistor is
below 1kΩ once VDD reaches VDD-ON, this means
that SDRV is shorted to SGND. Switching stops
until the primary IC starts up again.
SRD Abnormal Protection (SRDP)
If the power supply of the secondary IC is
successfully set up and there are 17 consecutive
primary switching pulses but the SR gate is not
triggered by SRD detection, SRD abnormal
protection (SRDP) is triggered. Switching stays
off and COMP is pulled to ground. The
secondary IC does not recover until the
secondary IC or primary IC trigger UVLO. Then
the secondary IC starts switching once a valid
signal is detected on SRD.
Secondary Over-Temperature Protection
(SOTP)
To prevent any thermal damage on the chip,
secondary over-temperature protection (SOTP)
sets
the SOTP
flag
high
if
the
junction
temperature exceeds TOTP-S. The protection flag
is latched until the junction temperature drops by
TΔ-S.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com