Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 5Page - Cirrus Logic CS4954 Datasheet HTML 6Page - Cirrus Logic CS4954 Datasheet HTML 7Page - Cirrus Logic CS4954 Datasheet HTML 8Page - Cirrus Logic CS4954 Datasheet HTML 9Page - Cirrus Logic CS4954 Datasheet HTML 10Page - Cirrus Logic CS4954 Datasheet HTML 11Page - Cirrus Logic CS4954 Datasheet HTML 12Page - Cirrus Logic CS4954 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
CS4954 CS4955
DS278F6
9
TIMING CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
I²C Host Port Timing (Figure 2)
SCL Frequency
Fclk
1000
kHz
Clock Pulse High Time
Tsph
0.1
μs
Clock Pulse Low Time
Tspl
0.7
μs
Hold Time (Start Cond.)
Tsh
100
ns
Setup Time (Start Cond.)
Tssu
100
ns
Data Setup Time
Tsds
50
ns
Rise Time
Tsr
1
μs
Fall Time
Tsf
0.3
μs
Setup Time (Stop Cond.)
Tss
100
ns
Bus Free Time
Tbuf
100
ns
Data Hold Time
Tdh
0
ns
SCL Low to Data Out Valid
Tvdo
600
ns
Figure 2. I²C Host Port Timing
SDA
SCL
Tbu
Tsh
Tdh
Tds
Tsh
Tss
Tssu
Tsi
Tspi
Tsr
Tsph Tvdo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com