Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 28Page - Cirrus Logic CS4954 Datasheet HTML 29Page - Cirrus Logic CS4954 Datasheet HTML 30Page - Cirrus Logic CS4954 Datasheet HTML 31Page - Cirrus Logic CS4954 Datasheet HTML 32Page - Cirrus Logic CS4954 Datasheet HTML 33Page - Cirrus Logic CS4954 Datasheet HTML 34Page - Cirrus Logic CS4954 Datasheet HTML 35Page - Cirrus Logic CS4954 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
CS4954 CS4955
32
DS278F6
7.
ANALOG
7.1
Analog Timing
All CS4954/5 analog timing and sequencing is de-
rived from the 27 MHz clock input. The analog out-
puts are controlled internally by the video timing
generator in conjunction with master and slave tim-
ing.
Since the CS4954/5 is almost entirely a digital cir-
cuit, great care has been taken to guarantee analog
timing and slew rate performance as specified in
the NTSC and PAL analog specifications. Refer-
ence the Analog Parameters section of this data
sheet for the performance specifications.
7.2
VREF
The CS4954/5 can operate with or without the aid
of an external voltage reference. The CS4954/5 is
designed with an internal voltage reference genera-
tor that provides a VREFOUT signal at the VREF
pin. The internal voltage reference is utilized by not
making a connection to the VREF pin. The VREF
pin can also be connected to an external precision
1.232 volt reference, which then overrides the in-
ternal reference.
7.3
ISET
All six of the CS4954/5 digital to analog converter
DACs are output current normalized with a com-
mon ISET device pin. The DAC output current per
bit is determined by the size of the resistor connect-
ed between ISET and electrical ground. Typically a
4K
Ω, 1% metal film resistor should be used. The
ISET resistance can be changed by the user to ac-
commodate varying video output attenuation via
post filters and also to suit individual preferred per-
formance needs.
In conjunction with the ISET value, the user can
also independently vary the chroma, luma and col-
orburst amplitude levels via host addressable con-
trol register bits that are used to control internal
digital amplifiers. The DAC output levels are de-
fined by the following equations:
VREF/RISET = IREF
(e.g., 1.232 V/4K
Ω = 308 μA)
CVBS/Y/C/R/G/B outputs in low impedance mode:
VOUT (max) = IREF*(16/145)*1023*37.5
Ω = 1.304V
CVBS/Y/C/R/G/B outputs in high impedance mode:
VOUT (max) = IREF*(4/145)*1023*150
Ω = 1.304 V
7.4
DACs
The CS4954/5 is has six independent, video-grade,
current-output,
digital-to-analog
converters
(DACs). They are 10-bit DACs operating at a
27 MHz two-times-oversampling rate. All six
DACs are disabled and default to low power mode
upon RESET. Each DAC can be individually pow-
ered down and disabled. The output-current-per-bit
of all six DACs is determined by the size of the re-
sistor connected between the ISET pin and ground.
7.4.1 Luminance DAC
The Y output pin is driven from a 10-bit 27 MHz
current output DAC that internally receives the Y,
or luminance (black and white only) or CVBS data
based on its configuration. See Table 1 and
“CVBS DAC” on page 33. The Y DAC is de-
signed to drive proper video levels into a 37.5
Ω
load. Reference the detailed electrical section of
this data sheet for the exact Y digital to analog AC
and DC performance data. A EN_L enable control
bit in the Control Register 5 (0×05) is provided to
enable or disable the luminance DAC. To com-
pletely disable or for low power device operation,
the luminance DAC can be totally shut down via
the SVIDLUM_PD control bit in Control Register
4 (0×04). In this mode, turn-on using the control
register will not be instantaneous.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com