Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 35Page - Cirrus Logic CS4954 Datasheet HTML 36Page - Cirrus Logic CS4954 Datasheet HTML 37Page - Cirrus Logic CS4954 Datasheet HTML 38Page - Cirrus Logic CS4954 Datasheet HTML 39Page - Cirrus Logic CS4954 Datasheet HTML 40Page - Cirrus Logic CS4954 Datasheet HTML 41Page - Cirrus Logic CS4954 Datasheet HTML 42Page - Cirrus Logic CS4954 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
CS4954 CS4955
DS278F6
39
5CH BW
chroma lpf bandwidth (0 = 650 kHz, 1 = 1.3 MHz)
4LPF ON
chroma lpf on/off (0 = off, 1 = on)
3RGB_BW
0 = Full bandwidth on RGB, 1 = BW reduced to 2.5 MHz (3 dB point) (default 0)
2FLD_POL
Polarity of Field (0: odd field = 0,1: odd field = 1)
1
PED
Pedestal offset (0: 0 IRE, 1: 7.5 IRE)
0
CBCRSEL
CbCr select (0 = chroma undelayed, 1 = chroma delayed by one clock)
Bit
Mnemonic
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com