Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 12Page - Cirrus Logic CS4954 Datasheet HTML 13Page - Cirrus Logic CS4954 Datasheet HTML 14Page - Cirrus Logic CS4954 Datasheet HTML 15Page - Cirrus Logic CS4954 Datasheet HTML 16Page - Cirrus Logic CS4954 Datasheet HTML 17Page - Cirrus Logic CS4954 Datasheet HTML 18Page - Cirrus Logic CS4954 Datasheet HTML 19Page - Cirrus Logic CS4954 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
CS4954 CS4955
16
DS278F6
5.2
Video Timing
5.2.1 Slave Mode Input Interface
In Slave ITU R.BT601 (not ITU-R.BT656 input)
Mode, the CS4954/5 receives signals on VSYNC
and HSYNC as inputs. Slave Mode is the default
following RESET and is changed to Master Mode
via a control register bit (CONTROL_0 [4]). The
CS4954/5 is limited to ITU R.BT601 horizontal
and vertical input timing. All clocking in the
CS4954/5 is generated from the CLK pin. In Slave
Mode, the Sync Generator uses externally provided
horizontal and vertical sync signals to synchronize
the internal timing of the CS4954/5. Video data that
is sent to the CS4954/5 must be synchronized to the
horizontal and vertical sync signals. Figure 4 illus-
trates horizontal timing for ITU R.BT601 input in
Slave Mode. Note that the CS4954/5 expects to re-
ceive the first active pixel data on clock cycle 245
(NTSC) when CONTROL_2 Register (0x02) bit
SYNC_DLY = 0. When SYNC_DLY = 1, it expects
the first active pixel data on clock cycle 246 (NTSC).
5.2.2 Master Mode Input Interface
The CS4954/5 defaults to Slave Mode following
RESET high but can be switched into Master Mode
via the MSTR bit in the CONTROL_0 Register
(0x00). In Master Mode, the CS4954/5 uses the
VSYNC, HSYNC and FIELD device pins as out-
puts to schedule the proper external delivery of dig-
ital video into the V [7:0] pins. Figure 5 illustrates
horizontal timing for the CCIR601 input in Master
Mode.
The timing of the HSYNC output is selectable in
the PROG_HS Registers (0x0D, 0x0E). HSYNC
can be delayed by one full line cycle. The timing of
the VSYNC output is also selectable in the
CLK
1706
active pixel
#720
HSYNC (input)
V[7:0]
(SYNC_DLY=0)
1705
1704
1703
1728
1
23
128
129
264
265
266
267
268
1686
1685
1684
1683
1716
1
23
128
129
244
245
246
247
248
Y
Cr
Y
Cb
Y
Cr
Y
horizontal blanking
active pixel
#1
active pixel
#2
• • •
• • •
• • •
• • •
• • •
• • •
• • •
NTSC 27MHz Clock Count
PAL 27MHz Clock Count
1702
1682
active pixel
#720
V[7:0]
(SYNC_DLY=1)
Y
Cr
Y
Cb
Y
Cr
horizontal blanking
active pixel
#1
active pixel
#2
Cb
active pixel
#719
Figure 4. ITU R.BT601 Input Slave Mode Horizontal Timing
CLK
1706
active pixel
#720
HSYNC (output)
V[7:0]
1705
1704
1703
1728
1
23
128
129
264
265
266
267
268
1686
1685
1684
1683
1716
1
23
128
129
244
245
246
247
248
Y
Cr
Y
Cb
Y
Cr
Y
horizontal blanking
active pixel
#1
active pixel
#2
• • •
• • •
• • •
• • •
• • •
• • •
• • •
NTSC 27MHz Clock Count
PAL 27MHz Clock Count
CB (output)
1702
1682
Figure 5. ITU R.BT601 Input Master Mode Horizontal Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com