Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 14Page - Cirrus Logic CS4954 Datasheet HTML 15Page - Cirrus Logic CS4954 Datasheet HTML 16Page - Cirrus Logic CS4954 Datasheet HTML 17Page - Cirrus Logic CS4954 Datasheet HTML 18Page - Cirrus Logic CS4954 Datasheet HTML 19Page - Cirrus Logic CS4954 Datasheet HTML 20Page - Cirrus Logic CS4954 Datasheet HTML 21Page - Cirrus Logic CS4954 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
CS4954 CS4955
18
DS278F6
VSYNC stays low for 2.5 line-times and transitions
high with the beginning of line 315. Video input on
the V [7:0] pins is expected between line 336
through line 622.
5.2.7 Progressive Scan
The CS4954/5 supports a pseudo-progessive scan
mode for which “odd” and “even” numbered line
information is presented in “odd” numbered line
positions by varying the vertical blanking timing.
This preserves precise MPEG-2 frame rates of 30
and 25 frames per second. This mode is in contrast
to other digital video encoders, which commonly
support progressive scan by repetitively displaying
a 262 line field (524/525 lines for NTSC). The
common method is flawed: over time, the output
display rate will overrun a system-clock-locked
MPEG-2 decompressor and display a field twice
every 8.75 seconds.
5.2.8 NTSC Progressive Scan
VSYNC will transition low at line four to begin
field one and will remain low for three lines or
2574 pixel cycles (858 × 3). NTSC interlaced tim-
ing is illustrated in Figure 9. In this mode, the
CS4954/5 expects digital video input at the V [7:0]
pins for 240 lines beginning on active video line 22
and continuing through line 261.
NTSC Vertical Timing (odd field)
Line
HSYNC
VSYNC
FIELD
3
4
5
6
7
8
9
10
NTSC Vertical Timing (even field)
PAL Vertical Timing (odd field)
PAL Vertical Timing (even field)
264
265
266
267
268
269
270
271
265
1
2
3
4
5
6
7
311
312
313
314
315
316
317
318
Line
HSYNC
VSYNC
FIELD
Line
HSYNC
VSYNC
FIELD
Line
HSYNC
VSYNC
FIELD
Figure 6. Vertical Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com