Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 25Page - Cirrus Logic CS4954 Datasheet HTML 26Page - Cirrus Logic CS4954 Datasheet HTML 27Page - Cirrus Logic CS4954 Datasheet HTML 28Page - Cirrus Logic CS4954 Datasheet HTML 29Page - Cirrus Logic CS4954 Datasheet HTML 30Page - Cirrus Logic CS4954 Datasheet HTML 31Page - Cirrus Logic CS4954 Datasheet HTML 32Page - Cirrus Logic CS4954 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
CS4954 CS4955
DS278F6
29
6. FILTER RESPONSES
0
1
2
3
4
5
6
x 10
6
-70
-60
-50
-40
-30
-20
-10
0
1.3 Mhz. filter frequency response
frequency (Hz)
Figure 14. 1.3 MHz Chrominance low-pass filter transfer
characteristic
Figure 15. 1.3 MHz Chrominance low-pass filter transfer
characterstic (passband)
0
2
4
6
8
10
12
x 10 5
-0.5
-0.4
-0.3
-0.2
-0.1
0
1.3 Mhz. filter passband response
frequency (Hz)
0
1
2
3
4
5
6
x 10
6
-30
-25
-20
-15
-10
-5
0
650 Khz. filter frequency response
Figure 16. 650 kHz Chrominance low-pass filter transfer
characteristic
Figure 17. 650 kHz Chrominance low-pass filter transfer
characteristic (passband)
0
2
4
6
8
10
12
x 10
5
-3
-2.5
-2
-1.5
-1
-0.5
0
650 Khz. filter passband response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com