Electronic Components Datasheet Search
  English  ▼

X  

CS4954 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4954
Description  NTSC/PAL Digital Video Encoder
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4954 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4954 Datasheet HTML 7Page - Cirrus Logic CS4954 Datasheet HTML 8Page - Cirrus Logic CS4954 Datasheet HTML 9Page - Cirrus Logic CS4954 Datasheet HTML 10Page - Cirrus Logic CS4954 Datasheet HTML 11Page - Cirrus Logic CS4954 Datasheet HTML 12Page - Cirrus Logic CS4954 Datasheet HTML 13Page - Cirrus Logic CS4954 Datasheet HTML 14Page - Cirrus Logic CS4954 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
CS4954 CS4955
DS278F6
11
2.
ADDITIONAL CS4954/5 FEATURES
•
Five programmable DAC output combinations,
including YUV and second composite
•
Optional pseudo-progressive scan @ MPEG2
field rates
•
Stable color subcarrier for MPEG2 systems
•
General purpose input and output pins
•
Individual DAC power-down capability
•
On-chip color bar generator
•
Supports RS170A and ITU R.BT601 compos-
ite output timing
•
HSYNC and VSYNC output in ITU R.BT656
mode
•
Teletext encoding selectable on two composite
and S-video signals
•
Programmable saturation, SCH Phase, hue,
brightness and contrast
•
Device power-down capability
•
Super White and Super Black support
3.
CS4954 INTRODUCTION
The CS4954/5 is a complete multi-standard digital
video encoder implemented in current CMOS tech-
nology. The device can operate at 5 V as well as at
3.3 V. ITU R.BT601- or ITU R.BT656-compliant
digital video input is converted into NTSC-M,
NTSC-J, PAL-B, PAL-D, PAL-G, PAL-H, PAL-I,
PAL-M, PAL-N, or PAL-N Argentina-compatible
analog video. The CS4954/5 is designed to con-
nect, without glue logic, to MPEG1 and MPEG2
digital video decoders.
Two 10-bit DAC outputs provide high quality S-
Video analog output while another 10-bit DAC si-
multaneously generates composite analog video. In
addition, there are three more DACs to provide si-
multaneous analog RGB or analog YUV outputs.
The CS4954/5 will accept 8-bit YCbCr or 8-bit
YUV input data.
The CS4954/5 is completely configured and con-
trolled via an 8-bit host interface port or an I²C
compatible serial interface. This host port provides
access and control of all CS4954/5 options and fea-
tures, such as closed caption insertion, interrupts,
etc.
In order to lower overall system costs, the
CS4954/5 provides an internal voltage reference
that eliminates the requirement for an external, dis-
crete, three-pin voltage reference.
In ISO MPEG-2 system configurations, the
CS4954/5 can be augmented with a common color-
burst crystal to provide a stable color subcarrier
given an unstable 27 MHz clock input. The use of
the crystal is optional, but the facility to connect
one is provided for MPEG-2 environments in
which the system clock frequency variability is too
wide for accurate color sub-carrier generation.
4.
FUNCTIONAL DESCRIPTION
In the following subsections, the functions of the
CS4954/5 will be described. The descriptions refer
to the device elements shown in the block diagram
on the cover page.
4.1
Video Timing Generator
All timing generation is accomplished via a
27 MHz input applied to the CLK pin. The
CS4954/5 can also accept a signal from an optional
color burst crystal on the XTAL_IN &
XTAL_OUT pins. See the section, Color Subcarri-
er Synthesizer, for further details.
The Video Timing Generator is responsible for or-
chestrating most of the other modules in the device.
It operates in harmony with external sync input
timing, or it can provide external sync timing out-
puts. It automatically disables color burst on appro-
priate scan lines and automatically generates
serration and equalization pulses on appropriate
scan lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com