Electronic Components Datasheet Search
  English  ▼

X  

LPC43S37 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC43S37
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S37 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC43S37 Datasheet HTML 2Page - NXP Semiconductors LPC43S37 Datasheet HTML 3Page - NXP Semiconductors LPC43S37 Datasheet HTML 4Page - NXP Semiconductors LPC43S37 Datasheet HTML 5Page - NXP Semiconductors LPC43S37 Datasheet HTML 6Page - NXP Semiconductors LPC43S37 Datasheet HTML 7Page - NXP Semiconductors LPC43S37 Datasheet HTML 8Page - NXP Semiconductors LPC43S37 Datasheet HTML 9Page - NXP Semiconductors LPC43S37 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 157 page
background image
LPC43S5X_S3X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 13 January 2020
6 of 157
NXP Semiconductors
LPC43S5x/S3x
32-bit ARM Cortex-M4/M0 microcontroller
5. Block diagram
Fig 1.
LPC43S5x/S3x Block diagram
ARM
CORTEX-M4
TEST/DEBUG
INTERFACE
DMA
LCD(1)
SD/
MMC
ETHERNET
10/100
MAC
IEEE 1588
HIGH-SPEED
USB0
HOST/
DEVICE/OTG
HIGH-SPEED
USB1
HOST/DEVICE
EMC
HIGH-SPEED PHY
SPIFI
AES ENCRYPTION/
DECRYPTION
HS GPIO
SCT
I2C0
I2S0
I2S1
C_CAN1
MOTOR
CONTROL
PWM(1)
TIMER3
TIMER2
USART2
USART3
SSP1
RI TIMER
QEI(1)
GIMA
BRIDGE 0
BRIDGE 1
BRIDGE 2
BRIDGE 3
BRIDGE
AHB MULTILAYER MATRIX
LPC43S5x/S3x
10-bit ADC0
10-bit ADC1
C_CAN0
I2C1
10-bit DAC
BRIDGE
RGU
CCU2
CGU
CCU1
ALARM TIMER
CONFIGURATION
REGISTERS
OTP MEMORY
EVENT ROUTER
POWER MODE CONTROL
12 MHz IRC
RTC POWER DOMAIN
BACKUP REGISTERS
RTC OSC
RTC
aaa-016676
slaves
masters
ARM
CORTEX-M0
TEST/DEBUG
INTERFACE
= connected to DMA
GPIO
INTERRUPTS
GPIO GROUP0
INTERRUPT
GPIO GROUP1
INTERRUPT
WWDT
USART0
UART1
SSP0
TIMER0
TIMER1
SCU
32 kB AHB SRAM
16 kB +
16 kB AHB SRAM
64 kB ROM
32 kB LOCAL SRAM
40 kB LOCAL SRAM
512/256 kB FLASH A
512/256 kB FLASH B
16 kB EEPROM
SPI
SGPIO
BRIDGE
slaves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com