Electronic Components Datasheet Search
  English  ▼

X  

LPC43S37 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC43S37
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S37 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC43S37 Datasheet HTML 92Page - NXP Semiconductors LPC43S37 Datasheet HTML 93Page - NXP Semiconductors LPC43S37 Datasheet HTML 94Page - NXP Semiconductors LPC43S37 Datasheet HTML 95Page - NXP Semiconductors LPC43S37 Datasheet HTML 96Page - NXP Semiconductors LPC43S37 Datasheet HTML 97Page - NXP Semiconductors LPC43S37 Datasheet HTML 98Page - NXP Semiconductors LPC43S37 Datasheet HTML 99Page - NXP Semiconductors LPC43S37 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 157 page
background image
LPC43S5X_S3X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 13 January 2020
96 of 157
NXP Semiconductors
LPC43S5x/S3x
32-bit ARM Cortex-M4/M0 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
[2]
The recommended operating condition for the battery supply is VDD(REG)(3V3) > VBAT + 0.2 V. Special conditions for VDD(REG)(3V3) apply
when writing to the flash and EEPROM. See Table 16 and Table 15.
[3]
Pin VPP should either be not connected (when OTP does not need to be programmed) or tied to pins VDDIO and VDDREG to ensure
the same ramp-up time for both supply voltages.
[4]
VDD(REG)(3V3) = 3.3 V; VDD(IO) = 3.3 V; Tamb = 25 C.
[5]
PLL1 disabled; IRC running; CCLK = 12 MHz.
[6]
VBAT = 3.6 V.
[7]
Tamb = -40 C to +105 C; VDD(IO) = VDDA = 3.6 V; over entire frequency range CCLK = 12 MHz to 204 MHz; in active mode, sleep
mode; deep-sleep mode, power-down mode, and deep power-down mode.
[8]
On pin VBAT; Tamb = 25 C.
[9]
Vps corresponds to the output of the power switch (see Figure 9) which is determined by the greater of VBAT and VDD(Reg)(3V3).
[10] VDDA(3V3) = 3.3 V; Tamb = 25 C.
[11] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[12] To VSS.
[13] The values specified are simulated and absolute values.
[14] The weak pull-up resistor is connected to the VDD(IO) rail and pulls up the I/O pin to the VDD(IO) level.
[15] The input cell disables the weak pull-up resistor when the applied input voltage exceeds VDD(IO).
VIC
common-mode input
voltage
high-speed mode
50
200
500
mV
full-speed/low-speed
mode
800
-
2500
mV
chirp mode
50
-
600
mV
Vi(dif)
differential input voltage
100
400
1100
mV
USB1 pins (USB1_DP/USB1_DM)[17]
IOZ
OFF-state output
current
0 V < VI < 3.3 V
[17] --
10
A
VBUS
bus supply voltage
[18] -
-
5.25
V
VDI
differential input
sensitivity voltage
(D+)  (D)
0.2
-
-
V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage for
low-/full-speed
RL of 1.5 k to 3.6 V
-
-
0.18
V
VOH
HIGH-level output
voltage (driven) for
low-/full-speed
RL of 15 k to GND
2.8
-
3.5
V
Ctrans
transceiver capacitance pin to GND
-
-
20
pF
ZDRV
driver output
impedance for driver
which is not high-speed
capable
with 33
 series resistor;
steady state drive
[19] 36
-
44.1
Table 11.
Static characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com