Electronic Components Datasheet Search
  English  ▼

X  

LPC43S37 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC43S37
Description  32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43S37 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC43S37 Datasheet HTML 93Page - NXP Semiconductors LPC43S37 Datasheet HTML 94Page - NXP Semiconductors LPC43S37 Datasheet HTML 95Page - NXP Semiconductors LPC43S37 Datasheet HTML 96Page - NXP Semiconductors LPC43S37 Datasheet HTML 97Page - NXP Semiconductors LPC43S37 Datasheet HTML 98Page - NXP Semiconductors LPC43S37 Datasheet HTML 99Page - NXP Semiconductors LPC43S37 Datasheet HTML 100Page - NXP Semiconductors LPC43S37 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 157 page
background image
LPC43S5X_S3X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2020. All rights reserved.
Product data sheet
Rev. 1.3 — 13 January 2020
97 of 157
NXP Semiconductors
LPC43S5x/S3x
32-bit ARM Cortex-M4/M0 microcontroller
[16] The parameter value specified is a simulated value excluding bond capacitance.
[17] For USB operation 3.0 V
 VDD((IO)  3.6 V. Guaranteed by design.
[18] VDD(IO) present.
[19] Includes external resistors of 33
  1 % on D+ and D.
10.1 Power consumption
Conditions: Tamb = 25 C; executing code while (1){} from SRAM; M0 core in reset; system PLL
enabled; IRC enabled; all peripherals disabled; all peripheral clocks disabled.
Fig 11. Typical supply current versus regulator supply voltage VDD(REEG)(3V3) in active
mode
Conditions: VDD(REG)(3V3) = 3.3 V; executing code while (1){} from SRAM; M0 core in reset; system
PLL enabled; IRC enabled; all peripherals disabled; all peripheral clocks disabled.
Fig 12. Typical supply current versus temperature in active mode
aaa-013450
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
0
20
40
60
80
100
VDD(REG)(3V3) (V)
IDD(REG)(3V3)
DD(REG)(3V3)
IDD(REG)(3V3)
(mA)
(mA)
(mA)
12 MHz
12 MHz
12 MHz
60 MHz
60 MHz
60 MHz
120 MHz
120 MHz
120 MHz
180 MHz
180 MHz
180 MHz
204 MHz
204 MHz
204 MHz
aaa-013449
-40
-20
0
20
40
60
80
100
120
0
20
40
60
80
100
temperature (°C)
IDD(REG)(3V3)
DD(REG)(3V3)
IDD(REG)(3V3)
(mA)
(mA)
(mA)
12 MHz
12 MHz
12 MHz
60 MHz
60 MHz
60 MHz
120 MHz
120 MHz
120 MHz
180 MHz
180 MHz
180 MHz
204 MHz
204 MHz
204 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com