Electronic Components Datasheet Search
  English  ▼

X  

PWD5T60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 5 Page - STMicroelectronics

  PWD5T60 Datasheet HTML 1Page - STMicroelectronics PWD5T60 Datasheet HTML 2Page - STMicroelectronics PWD5T60 Datasheet HTML 3Page - STMicroelectronics PWD5T60 Datasheet HTML 4Page - STMicroelectronics PWD5T60 Datasheet HTML 5Page - STMicroelectronics PWD5T60 Datasheet HTML 6Page - STMicroelectronics PWD5T60 Datasheet HTML 7Page - STMicroelectronics PWD5T60 Datasheet HTML 8Page - STMicroelectronics PWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
3.2
Recommended operating conditions
All voltages referred to ground (GND) unless otherwise specified.
Table 3. Recommended operating conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power supply voltage
9
20
V
VBO (1)
Floating supply voltage
8.5
20
V
VOUT
DC Output voltage
-10 (2)
400
V
VCIN
Comparator input voltage
0
15
V
Vi
Logic input voltage
0
15
V
VOD
Open-drain voltage (OD, FAULT)
0
20
V
VFAULT
FAULT pin voltage
0
20
V
fSW (3)
Maximum switching frequency
30
kHz
PW (4)
Minimum input pulse width
300
ns
1. VBO = VBOOT - VOUT
2. LVG off. VCC = 9 V. Logic is operational if VBOOT > 5 V.
3. Actual maximum fSW depends on power dissipation.
4. Pulse width on LIN or HIN pins propagated to gate driver outputs.
3.3
Thermal data
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth(J-CT)
Thermal resistance junction-to-case top
7
°C/W
Rth(J-CB)
Thermal resistance junction-to-case bottom
0.32
°C/W
PWD5T60
Electrical data
DS14558 - Rev 2
page 5/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com