Electronic Components Datasheet Search
  English  ▼

X  

PWD5T60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 1 Page - STMicroelectronics

  PWD5T60 Datasheet HTML 1Page - STMicroelectronics PWD5T60 Datasheet HTML 2Page - STMicroelectronics PWD5T60 Datasheet HTML 3Page - STMicroelectronics PWD5T60 Datasheet HTML 4Page - STMicroelectronics PWD5T60 Datasheet HTML 5Page - STMicroelectronics PWD5T60 Datasheet HTML 6Page - STMicroelectronics PWD5T60 Datasheet HTML 7Page - STMicroelectronics PWD5T60 Datasheet HTML 8Page - STMicroelectronics PWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Features
•
Power driver integrating gate driver and high-voltage power MOSFETs:
–
RDS(on) = 1.38 Ω
–
BVDSS = 500 V
•
Wide input supply voltage range from 9 V to 20 V
•
Integrated zero-drop bootstrap diodes
•
Comparator for fast overcurrent protection with Smart ShutDown functionality
•
Overtemperature protection
•
3.3 V, 5 V TTL/CMOS inputs with hysteresis
•
Matched propagation delay for all channels
•
UVLO function on low-side and high-side
•
Interlocking and deadtime functions
•
Dedicated enable pin
•
Very compact and simplified layout
Applications
•
3-phase inverters
•
Fans and pumps
•
Home and industrial appliances
•
Refrigerator compressors
Description
The PWD5T60 is a is a three-phase high-density power driver integrating gate driver
and six N-channel power MOSFETs. The PWD5T60 is the optimal solution for motor
drive applications such as fans, pumps and small appliances.
The integrated power MOSFETs have RDS(on) of 1.38 Ω and 500 V blocking voltage.
The high integration of the device allows to efficiently drive loads with reduced
footprint, making PWD5T60 the optimal solution for space constrained applications.
The device has dedicated input pins for each output and a shutdown pin. The logic
inputs are CMOS/TTL compatible down to 3.3 V for easy interfacing with control
devices. Matched delays between low-side and high-side sections guarantee no
cycle distortion and allow high-frequency operation.
Robustness is a distinctive factor of PWD5T60. Prevention from cross conduction is
ensured by interlocking and deadtime functions and a comparator featuring
advanced smart ShutDown function ensures fast and effective protection against
overload and overcurrent.
The dedicated UVLO protections on both low-side and high-side prevent the power
switches from operating in low efficiency or dangerous conditions, enabling optimal
and fail-safe operation.
The zero-drop integrated bootstrap diodes as well as all of the embedded features
enable the design of compact and simple PCB layout, and reduce the overall bill of
material and application cost. The device is available in a compact VFQFPN
12x12x0.95 mm.
Product status link
PWD5T60
Product label
Compact high-voltage three-phase power stage with integrated gate driver
PWD5T60
Datasheet
DS14558 - Rev 2 - June 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - PWD5T60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PWD5F60 STMICROELECTRONICS-PWD5F60 Datasheet
732Kb / 26P
High density power driver - high voltage full bridge with integrated comparators
03-Jul-2018
PWD5F60TR STMICROELECTRONICS-PWD5F60TR Datasheet
732Kb / 26P
High density power driver - high voltage full bridge with integrated comparators
03-Jul-2018
More results

Similar Description - PWD5T60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
Three-Phase Gate Driver IC
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
Three-Phase Gate Driver IC
logo
Texas Instruments
DRV8305-Q1 TI-DRV8305-Q1_15 Datasheet
117Kb / 6P
DRV8305-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers and Voltage Regulator
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
Three-Phase Gate Driver
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
Three Phase Gate Driver
DRV3245A-Q1 TI1-DRV3245A-Q1 Datasheet
129Kb / 6P
DRV3245A-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
High Voltage Three Phase Gate Driver
A4919 ALLEGRO-A4919 Datasheet
956Kb / 22P
Three-Phase MOSFET Driver with Integrated Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com