Electronic Components Datasheet Search
  English  ▼

X  

PWD5T60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 4 Page - STMicroelectronics

  PWD5T60 Datasheet HTML 1Page - STMicroelectronics PWD5T60 Datasheet HTML 2Page - STMicroelectronics PWD5T60 Datasheet HTML 3Page - STMicroelectronics PWD5T60 Datasheet HTML 4Page - STMicroelectronics PWD5T60 Datasheet HTML 5Page - STMicroelectronics PWD5T60 Datasheet HTML 6Page - STMicroelectronics PWD5T60 Datasheet HTML 7Page - STMicroelectronics PWD5T60 Datasheet HTML 8Page - STMicroelectronics PWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
3
Electrical data
3.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 2 may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability. All voltages referred to
ground (GND) unless otherwise specified.
Table 2. Absolute maximum ratings
Symbol
Parameter
Test Condition
Min
Max
Unit
VCC
Power supply voltage
-0.3
21
V
VCC-SENSEx
VCC to SENSE pin voltage
-0.3
25
V
VBOx
BOOT to OUT pin
-0.3
21
V
BVDSS
MOSFETs blocking Voltage
TJ = 25°C
500
V
ID
Drain current
(per MOSFET)
DC @TCB = 25 °C (1)
3.5
A
DC @TCB = 100 °C (1) (2)
2
A
Pulse @TCB = 25 °C (1) (2) (3)
14
A
SROUT
Full bridge outputs
slew rate (10% - 90%)
(2)
40
V/ns
VOUTx
Output voltage
VBOOTx - 21
500
V
VBOOTx
Bootstrap voltage
-0.3
520
V
VCIN
Comparator input voltage
-0.3
20
V
Vi
Logic input voltage (4)
- 0.3
15
V
VOD
Open-drain voltage
(OD, FAULT)
-0.3
21
V
VFAULT
FAULT pin voltage
- 0.3
21
V
VISO
Isolation Voltage (1 min) (2)
2500
VRMS
TJ
Junction temperature
-40
125
°C
Tstg
Storage temperature
-50
150
°C
PTOT
Total power dissipation (5)
Tamb = 25°C
JEDEC board (6) (7)
5.2
W
ESD
Human Body Model
2 (8)
kV
1. TCB is the temperature of the case-bottom pad.
2. Not tested in production.
3. The value specified by the pulse duration limited by maximum junction temperature.
4. EN, LINx and HINx pins.
5. Value calculated basing on thermal resistance, power uniformity distributed over the six power MOSFETs, still air.
6. The device mounted on a FR4 2s2p board as JESD51-5/7.
7. Actual applicative board max. dissipation could be higher or lower depending on the layout and cooling techniques.
8. Pins 12, 13, 14, 15, 20 and 21 have HBM ESD value ± 1.75 kV
PWD5T60
Electrical data
DS14558 - Rev 2
page 4/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com