Electronic Components Datasheet Search
  English  ▼

X  

PWD5T60 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 5Page - STMicroelectronics PWD5T60 Datasheet HTML 6Page - STMicroelectronics PWD5T60 Datasheet HTML 7Page - STMicroelectronics PWD5T60 Datasheet HTML 8Page - STMicroelectronics PWD5T60 Datasheet HTML 9Page - STMicroelectronics PWD5T60 Datasheet HTML 10Page - STMicroelectronics PWD5T60 Datasheet HTML 11Page - STMicroelectronics PWD5T60 Datasheet HTML 12Page - STMicroelectronics PWD5T60 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
5
Device characterization values
The PWD5T60 integrates six 500 V N-channel power MOSFETs in three phase full bridge configuration.
Table 7, Table 8. Inductive load switching characteristics and electrical characteristics curves contained in this
section represent typical values based on characterization and simulation results and are not subject to the
production test.
Table 7. Power MOSFETs
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
MOSFET Dynamic
Qg
Total gate charge
VGS = 10 V, TJ = 25 °C
VDS = 480 V, ID = 3.5 A
-
5.3
-
nC
Source-Drain diode
trr
Diode reverse recovery time
ISD = 3.5 A, TJ = 25 °C
di/dt = 100 A/µs,
VDS = 60 V
-
58
-
ns
Qrr
Diode reverse recovery charge
-
109
-
µC
IRRM
Diode reverse recovery current
-
4
-
A
trr
Diode reverse recovery time
ISD = 3.5 A, TJ = 150 °C
di/dt = 100 A/µs,
VDS = 60 V
-
109
-
ns
Qrr
Diode reverse recovery charge
-
309
-
µC
IRRM
Diode reverse recovery current
-
5
-
A
Table 8. Inductive load switching characteristics
Symbol Parameter
Test condition
Min
Typ
Max
Unit
t(ON) (1) Turn-on time
VS = 300 V,
VCC = VBO = 15 V,
ID = 1.75 A
See Figure 3
-
390
-
ns
tC(ON) (2) Crossover time (on)
-
150
-
ns
t(OFF) (1) Turn-off time
-
165
-
ns
tC(OFF) (2) Crossover time (off)
-
40
-
ns
tSD Shutdown to high/low-side propagation delay
-
HS: 75
LS: 85
-
ns
Eon Turn-on switching losses
-
75
-
µJ
Eoff Turn-off switching losses
-
8
-
µJ
1. t(ON) and t(OFF) include the propagation delay time of the internal driver.
2. tC(ON) and tC(OFF) are the switching times of MOSFET itself under the internally given gate driving conditions.
PWD5T60
Device characterization
values
DS14558 - Rev 2
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com