Electronic Components Datasheet Search
  English  ▼

X  

PWD5T60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 3Page - STMicroelectronics PWD5T60 Datasheet HTML 4Page - STMicroelectronics PWD5T60 Datasheet HTML 5Page - STMicroelectronics PWD5T60 Datasheet HTML 6Page - STMicroelectronics PWD5T60 Datasheet HTML 7Page - STMicroelectronics PWD5T60 Datasheet HTML 8Page - STMicroelectronics PWD5T60 Datasheet HTML 9Page - STMicroelectronics PWD5T60 Datasheet HTML 10Page - STMicroelectronics PWD5T60 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Symbol
Parameter
Test conditions
Min Typ
Max Unit
Sense comparator (2) and FAULT
VREF
Internal voltage reference
430 480
530
mV
CINhyst
Comparator input hysteresis
40
70
mV
CIN_PD
Comparator input pull-down current
VCIN = 1 V
7
10
13
µA
IOD
OD internal current source
2.5
5
7.5
µA
RON_OD
OD On resistance
IOD = 16 mA
19
25
36
W
IOL_OD
OD low level sink current
VOD = 400 mV
11
16
21
mA
ISAT_OD
OD saturation current
VOD = 5 V
108
mA
VFLOAT_OD OD floating voltage level
OD connected only to an external
capacitance
4.5
4.9
5.4
V
RON_F
FAULT On resistance
IFAULT = 8 mA
50
100
W
IOL_F
FAULT low level sink current
VFAULT = 400 mV
4
8
12
mA
tOD
Comparator propagation delay
Rpu = 100 kΩ to 5 V;
Voltage step on CIN = 0 to 3.3 V;
50% CIN to 90% OD
350 475
590
ns
tCIN-F
Comparator triggering to FAULT
Voltage step on CIN = 0 to 3.3 V;
50% CIN to 90% FAULT
360 475
590
ns
tCINoffMOS
Comparator triggering to low-side
MOSFET turn-off propagation delay
Voltage step on CIN = 0 to 3.3 V; OUT 500
Ω to 5 V, VS = 5 V
50% CIN to 10% OUT
730 840
950
ns
tFCIN
Comparator input filter time
360 475
590
ns
SR
OD Slew rate
CL = 1 nF;
Rpu = 33 kΩ to 5 V;
90% to 10% OD
20
60
100 V/µs
Over temperature protection
TTSD
Shut down temperature (3) (4)
120 135
150
°C
THYS
Temperature hysteresis (3) (4)
20
°C
Dynamic characteristics
tFIN
LIN, HIN input filter time
30
40
50
ns
tFEN
EN input filter time
200 300
400
ns
DT
Deadtime
200 300
400
ns
MDT
Matching deadtime (5)
0
50
ns
1. VBO = VBOOT - VOUT
2. Comparator is disabled when VCC is in UVLO condition
3. Characterization data, not tested in production.
4. The temperature sensor is located in the driver.
5. MDT = | DTLH - DTHL |
PWD5T60
Electrical
characteristics
DS14558 - Rev 2
page 7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com