Electronic Components Datasheet Search
  English  ▼

X  

PWD5T60 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 2Page - STMicroelectronics PWD5T60 Datasheet HTML 3Page - STMicroelectronics PWD5T60 Datasheet HTML 4Page - STMicroelectronics PWD5T60 Datasheet HTML 5Page - STMicroelectronics PWD5T60 Datasheet HTML 6Page - STMicroelectronics PWD5T60 Datasheet HTML 7Page - STMicroelectronics PWD5T60 Datasheet HTML 8Page - STMicroelectronics PWD5T60 Datasheet HTML 9Page - STMicroelectronics PWD5T60 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
4
Electrical characteristics
4.1
Driver
HIN is referred to channels HIN1, HIN2, HIN3; LIN is referred to channels LIN1, LIN2, LIN3.
Table 5. Electrical characteristics
VCC = 15 V; TJ = +25 °C, unless otherwise specified
Symbol
Parameter
Test conditions
Min Typ
Max Unit
Low-side section supply
VCCthON VCC UVLO turn on threshold
8.7
9.2
9.7
V
VCCthOFF VCC UVLO turn off threshold
8.2
8.7
9.2
V
VCChys
VCC UVLO hysteresis
0.4
0.5
0.6
V
IQCCU
VCC under-voltage quiescent supply
current
VCC = 7 V;
EN = 5 V; CIN = SGND
LVG & HVG: OFF
430
744
µA
IQCC
VCC quiescent supply current
EN = 5 V; CIN = SGND
LVG & HVG: OFF
1125 1650
µA
High-side floating section supply (1)
VBOthON
VBO UVLO turn on threshold
8.2
8.7
9.2
V
VBOthOFF VBO UVLO turn off threshold
7.7
8.2
8.7
V
VBOhys
VBO UVLO hysteresis
0.4
0.5
0.6
V
IQBOU
VBO under-voltage quiescent supply
current
VCC = VBO = 6.5 V;
EN = 5 V; CIN = SGND
LVG OFF; HVG = ON
25
62
µA
IQBO
VBO quiescent supply current
VBO = 15 V
EN = 5 V; CIN = SGND
LVG OFF; HVG = ON
84
150
µA
ILK
High voltage leakage current
BOOT = HVG = OUT = 520 V
15
µA
RDboot
Bootstrap Diode on resistance
200
Ω
Logic Inputs
Vil
Low level logic threshold voltage
0.8
1.4
V
Vih
High level logic threshold voltage
1.8
2.3
V
Vhyst
Logic input threshold hysteresis
0.8
0.9
1.2
V
VSSDh
SmartSD restart threshold
3.6
4.1
4.4
V
VSSDl
SmartSD unlatch threshold
0.56 0.75
V
ILINh
LIN logic “1” input bias current
VLINx = 15 V
120 150
200
µA
ILINl
LIN logic “0” input bias current
VLINx = 0 V
1
µA
IHINh
HIN logic “1” input bias current
VHINx = 15 V
120 150
200
µA
IHINl
HIN logic “0” input bias current+
VHINx = 0
1
µA
RPD_IN
Logic input pull-down resistor
75
100
125
kΩ
IENh
EN logic “1” input bias current
VEN = 15 V
110 150
200
µA
IENl
EN logic “0” input bias current
VEN = 0 V
1
µA
RPD_EN
EN pull-down resistor
75
100
125
kΩ
PWD5T60
Electrical
characteristics
DS14558 - Rev 2
page 6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com