Electronic Components Datasheet Search
  English  ▼

X  

PM5342 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM5342
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5342 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM5342 Datasheet HTML 36Page - PMC-Sierra, Inc PM5342 Datasheet HTML 37Page - PMC-Sierra, Inc PM5342 Datasheet HTML 38Page - PMC-Sierra, Inc PM5342 Datasheet HTML 39Page - PMC-Sierra, Inc PM5342 Datasheet HTML 40Page - PMC-Sierra, Inc PM5342 Datasheet HTML 41Page - PMC-Sierra, Inc PM5342 Datasheet HTML 42Page - PMC-Sierra, Inc PM5342 Datasheet HTML 43Page - PMC-Sierra, Inc PM5342 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 558 page
background image
PM5342 SPECTRA-155
DATA SHEET
PMC-970133
ISSUE 4
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
are optionally inserted. A 16 or 64 byte section trace (J0) message may be
inserted. In addition, the SPECTRA-155 generates the transmit payload pointers
(H1, H2), creates and inserts the path BIP, optionally inserts a 16 or 64 byte path
trace (J1) message, optionally inserts the path status byte (G1). In addition to its
basic processing of the transmit SONET/SDH overhead, the SPECTRA-155
provides convenient access to all overhead bytes, which are inserted serially on
lower rate interfaces, allowing additional external sourcing of overhead, if
desired. The SPECTRA-155 also supports the insertion of a large variety of
errors into the transmit stream, such as framing pattern errors and BIP errors,
which are useful for system diagnostics and tester applications.
The inserted SPE (VC) is either sourced from a Telecombus ADD stream, from
DS3 serial streams or from data streams. For Telecombus applications, the
SPECTRA-155 maps the SPE from a Telecombus ADD bus into the transmit
stream. Frequency offsets (e.g., due to plesiochronous network boundaries, or
the loss of a primary reference timing source) and phase differences (due to
normal network operation) between the transmit data stream and the ADD bus
are accommodated by pointer adjustments in the transmit stream. For the DS3
application, the SPECTRA-155 maps three DS3s into a STS-3 (STM-1/AU3)
SPE. For the data applications, the SPECTRA-155 maps a byte/nibble serial
data stream into a STS-1 (STM-0/AU3) SPE or STS-3c (STM-1/AU4) SPE
transmit stream or maps three bit serial streams into a STS-3 (STM-1/AU3) SPE
transmit stream.
The SPECTRA-155 supports tandem connection termination applications where
the tandem connection maintenance byte (Z5) carries the incoming BIP-8 error
count (IEC), a tandem data link, and a path AIS code (ISF). The incoming error
count is accumulated and the receive data link is serialized for external
processing. A new data link can be inserted from a low speed serial input. An
incoming signal failure alarm (ISF) is used to convey path AIS in place of all-ones
in the pointer (H1, H2).
The transmitter and receiver are independently configurable to allow for
asymmetric interfaces. Ring control ports are provide to pass control and status
information between mate transceivers. The SPECTRA-155 is configured,
controlled and monitored via a generic 8-bit microprocessor bus interface.
The SPECTRA-155 is implemented in low power, +5 Volt, CMOS technology. It
has TTL and pseudo ECL (PECL) compatible inputs and outputs and is
packaged in a 256 pin SBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com