Electronic Components Datasheet Search
  English  ▼

X  

PM5342 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5342
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5342 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5342 Datasheet HTML 87Page - PMC-Sierra, Inc PM5342 Datasheet HTML 88Page - PMC-Sierra, Inc PM5342 Datasheet HTML 89Page - PMC-Sierra, Inc PM5342 Datasheet HTML 90Page - PMC-Sierra, Inc PM5342 Datasheet HTML 91Page - PMC-Sierra, Inc PM5342 Datasheet HTML 92Page - PMC-Sierra, Inc PM5342 Datasheet HTML 93Page - PMC-Sierra, Inc PM5342 Datasheet HTML 94Page - PMC-Sierra, Inc PM5342 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 558 page
background image
PM5342 SPECTRA-155
DATA SHEET
PMC-970133
ISSUE 4
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
Table 7
- Nibble Telecombus Mode (SMODE[2:0]=001)
Pin Name
Pin
Type
PIN
No.
Function
SS[0]/DCK
Input
D15
The DROP bus clock (DCK) provides timing for
the DROP bus interface. For nibble mode,
DCK is nominally a 38.88 MHz or 12.96 MHz,
50% duty cycle clock. Frequency offsets
between RCLK and DCK/2 are accommodated
by pointer justification events on the DROP bus.
DFP is sampled on the rising edge of DCK.
Outputs DPL, DC1J1V1, DDP and DD[3:0] are
updated on the rising edge of DCK.
SS[1]/DFP
Input
B16
The active high DROP bus reference frame
position signal (DFP) indicates when the first
nibble of the synchronous payload envelope
(upper nibble of SPE byte 1 of STS-1 #1) is
available on the DD[3:0] bus. Note that DFP
has a fixed relationship to the SONET/SDH
frame; the start of the SPE is determined by the
STS (AU) pointer and may change relative to
DFP. DFP is sampled on the rising edge of
DCK.
SS[2]/DD[0]
SS[3]/DD[1]
SS[4]/DD[2]
SS[5]/DD[3]
Output A16
C15
B15
A15
The DROP bus data (DD[3:0]) contains the
SONET/SDH receive payload data. The
transport overhead nibbles, with the exception
of the H1, H2 pointer nibbles, are set to zeros.
The fixed stuff columns in a tributary mapped
SPE (VC) may also be optionally set to zero or
NPI. DD[3] is the most significant bit
(corresponding to bit 1 or 5 of each serial word,
the bit received first or fifth, respectively).
DD[0] is the least significant bit (corresponding
to bit 4 or 8 of each serial word, the fourth or
last bit received, respectively). DD[3:0] is
updated on the rising edge of DCK.
SS[6]
SS[7]
SS[8]
SS[9]
Output C14
D13
B14
A14
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com