Electronic Components Datasheet Search
  English  ▼

X  

PM5342 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM5342
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5342 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM5342 Datasheet HTML 57Page - PMC-Sierra, Inc PM5342 Datasheet HTML 58Page - PMC-Sierra, Inc PM5342 Datasheet HTML 59Page - PMC-Sierra, Inc PM5342 Datasheet HTML 60Page - PMC-Sierra, Inc PM5342 Datasheet HTML 61Page - PMC-Sierra, Inc PM5342 Datasheet HTML 62Page - PMC-Sierra, Inc PM5342 Datasheet HTML 63Page - PMC-Sierra, Inc PM5342 Datasheet HTML 64Page - PMC-Sierra, Inc PM5342 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 558 page
background image
PM5342 SPECTRA-155
DATA SHEET
PMC-970133
ISSUE 4
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
39
Pin Name
Pin
Type
PIN
No.
Function
ROH
Tristate
Output
P18
The receive overhead (ROH) output can be
selected to carry either the section orderwire
(E1), the line orderwire (E2), the line user
channel (F1) or the automatic protection switch
channel (K1, K2). Selection is made using the
ROHSEL bits in the SPECTRA-155 Receive
Overhead Output Control register.
ROH can be tristate using the TRIS_OHB input
and the ROH_TS bit in the SPECTRA-155
Receive Overhead Output Control register. On
reset, ROH will be tristate if TRIS_OHB is low.
ROH is updated on the falling edge of
ROHCLK.
RTOHCLK
Output
U18
The receive transport overhead clock
(RTOHCLK) is nominally a 5.184 MHz or 1.728
MHz clock that provides timing to process the
extracted receive transport overhead, RTOH.
RTOHCLK is a gapped 6.48 MHz clock when
accessing the transport overhead of an
STS-3/3c (STM-1/AU3/AU4) stream.
RTOHCLK is a gapped 2.16 MHz clock when
accessing the transport overhead of an STS-1
(STM-0/AU3) stream.
RTOH
Output
V17
The receive transport overhead (RTOH) signal
contains the receive transport overhead bytes
(A1, A2, J0, Z0, B1, E1, F1, D1-D3, H1-H3, B2,
K1, K2, D4-D12, Z1/S1, Z2/M1, and E2)
extracted from the incoming stream. RTOH is
updated on the falling edge of RTOHCLK.
RTOHFP
Output
T17
The receive transport overhead frame position
(RTOHFP) signal is used to locate the individual
receive transport overhead bits in the receive
transport overhead, RTOH. RTOHFP is set
high while bit 1 (the most significant bit) of the
first framing byte (A1) is present in the RTOH
stream. RTOHFP is updated on the falling edge
of RTOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com