Electronic Components Datasheet Search
  English  ▼

X  

PM5342 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM5342
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5342 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM5342 Datasheet HTML 56Page - PMC-Sierra, Inc PM5342 Datasheet HTML 57Page - PMC-Sierra, Inc PM5342 Datasheet HTML 58Page - PMC-Sierra, Inc PM5342 Datasheet HTML 59Page - PMC-Sierra, Inc PM5342 Datasheet HTML 60Page - PMC-Sierra, Inc PM5342 Datasheet HTML 61Page - PMC-Sierra, Inc PM5342 Datasheet HTML 62Page - PMC-Sierra, Inc PM5342 Datasheet HTML 63Page - PMC-Sierra, Inc PM5342 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 558 page
background image
PM5342 SPECTRA-155
DATA SHEET
PMC-970133
ISSUE 4
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
38
Pin Name
Pin
Type
PIN
No.
Function
RLD
Output
R20
The receive line DCC (RLD) signal contains the
line data communications channel (D4 - D12)
extracted from the incoming stream. RLD is
updated on the falling edge of RLDCLK.
ROHCLK
Tristate
Output
P19
The receive overhead clock (ROHCLK) can be
selected to clock out either the section
orderwire (E1), the line orderwire (E2), the line
user channel (F1) or the automatic protection
switch channel (K1, K2). Selection of the
receive overhead clock is made using the
ROHSEL bits in the SPECTRA-155 Receive
Overhead Output Control register.
When either orderwire or user channel clocks
are selected, ROHCLK is a 64 KHz clock used
to update the ROH output. If selected using the
R64SEL bit in the SPECTRA-155 Receive
Overhead Output Control register, ROHCLK is
generated by gapping a 72 KHz clock;
otherwise, ROHCLK is not gapped.
When the receive automatic protection switch
channel clock is selected, ROHCLK is a 128
KHz clock used to update the ROH output.
ROHCLK is generated by gapping a 144 KHz
clock.
ROHCLK can be tristate using the TRIS_OHB
input and the ROH_TS bit in the SPECTRA-155
Receive Overhead Output Control register. On
reset, ROHCLK will be tristate if TRIS_OHB is
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com