Electronic Components Datasheet Search
  English  ▼

X  

PM5342 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM5342
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5342 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM5342 Datasheet HTML 75Page - PMC-Sierra, Inc PM5342 Datasheet HTML 76Page - PMC-Sierra, Inc PM5342 Datasheet HTML 77Page - PMC-Sierra, Inc PM5342 Datasheet HTML 78Page - PMC-Sierra, Inc PM5342 Datasheet HTML 79Page - PMC-Sierra, Inc PM5342 Datasheet HTML 80Page - PMC-Sierra, Inc PM5342 Datasheet HTML 81Page - PMC-Sierra, Inc PM5342 Datasheet HTML 82Page - PMC-Sierra, Inc PM5342 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 558 page
background image
PM5342 SPECTRA-155
DATA SHEET
PMC-970133
ISSUE 4
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
Pin Name
Pin
Type
PIN
No.
Function
TPOHEN[3]
TPOHEN[2]
TPOHEN[1]
Input
C5
C4
D1
The transmit path overhead insert enable
signals (TPOHEN[3:1]), together with internal
register bits, control the source of the path
overhead data which is inserted in the
transmit stream. While TPOHEN is high,
values sampled on the TPOH input are
inserted into the corresponding path overhead
bit position (for the J1, C2, G1, F2, Z3, Z4,
and Z5 bytes). While TPOHEN is low, values
obtained from internal registers are inserted
into these path overhead bit positions. The
TPOHEN input take precedence over TOH.
A high level on TPOHEN during the B3 or H4
bit positions enables an error mask. While
the error mask is enabled, a high level on
input TPOH causes the corresponding B3 or
H4 bit position to be inverted. A low level on
TPOH allows the corresponding bit position to
pass through the SPECTRA-155 uncorrupted.
In STS-3c (STM-1/AU4) mode or STS-1
(STM-0/AU3) mode, only TPOHEN[1] is
significant. Each TPOHEN input is sampled
on the rising edge of the corresponding
TPOHCLK output.
TPOHCLK[3]
TPOHCLK[2]
TPOHCLK[1]
Output B4
E4
E2
The transmit path overhead clocks
(TPOHCLK[3:1]) provide timing to update the
corresponding path overhead stream, TPOH.
In STS-3c (STM-1/AU4) mode or STS-1
(STM-0/AU3) mode, TPOHCLK[1] is a
576kHz clock and TPOHCLK[3:2] are inactive.
TPOH and TPOHEN are sampled on the
rising edge of the corresponding TPOHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com