Electronic Components Datasheet Search
  English  ▼

X  

PM5342 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM5342
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PDF  558 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5342 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM5342 Datasheet HTML 93Page - PMC-Sierra, Inc PM5342 Datasheet HTML 94Page - PMC-Sierra, Inc PM5342 Datasheet HTML 95Page - PMC-Sierra, Inc PM5342 Datasheet HTML 96Page - PMC-Sierra, Inc PM5342 Datasheet HTML 97Page - PMC-Sierra, Inc PM5342 Datasheet HTML 98Page - PMC-Sierra, Inc PM5342 Datasheet HTML 99Page - PMC-Sierra, Inc PM5342 Datasheet HTML 100Page - PMC-Sierra, Inc PM5342 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 558 page
background image
PM5342 SPECTRA-155
DATA SHEET
PMC-970133
ISSUE 4
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
75
Pin Name
Pin
Type
PIN
No.
Function
SS[31]/GDP
Output C7
The GENERATED bus data parity signal (GDP)
indicates the parity of the GENERATED bus
signals. The GENERATED data bus (GD[1:0])
is always included in parity calculations. The
internal register bits control the inclusion of the
GPL and GC1J1V1 signals in parity calculation
and the sense (odd/even) of the parity. GDP is
updated on the rising edge of ACK.
SS[32]/
DTPAIS[1]
SS[33]/
DTPAIS[2]
SS[34]/
DTPAIS[3]
Input
A6
B6
C6
The active high DROP bus or Transmit path
alarm indication signals (DTPAIS[3:1]) controls
the insertion of path AIS in the DROP bus
DD[3:0] or the transmit stream. The function of
each DTPAIS[3:1] input pin is independently
controlled by the TPAIS_EN bits in the Transmit
Path AIS Control #1, Transmit Path AIS Control
#2, and Transmit Path AIS Control #3 registers.
In STS-3 mode, each DTPAIS[3:1] corresponds
to a separate STS-1. DTPAIS[1] corresponds
to STS#1, DTPAIS[2] corresponds to STS#2
and DTPAIS[3] corresponds to STS#3. In
STS-3c (STM-1/AU4) mode or STS-1
(STM-0/AU3) mode, only DTPAIS[1] is
significant.
A high level on DTPAIS forces the insertion of
the all ones pattern into the complete SPE and
the payload pointer bytes (H1, H2, and H3).
Path AIS insertion can also be inserted via
register access or in response to ISF code in
terminating tandem connection termination
equipment applications.
DTPAIS[3:1] is sampled on the rising edge of
DCK for DROP bus or TCLK for transmit stream
Path AIS insertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com