Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 269 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 269 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 265Page - PMC-Sierra, Inc PM7344 Datasheet HTML 266Page - PMC-Sierra, Inc PM7344 Datasheet HTML 267Page - PMC-Sierra, Inc PM7344 Datasheet HTML 268Page - PMC-Sierra, Inc PM7344 Datasheet HTML 269Page - PMC-Sierra, Inc PM7344 Datasheet HTML 270Page - PMC-Sierra, Inc PM7344 Datasheet HTML 271Page - PMC-Sierra, Inc PM7344 Datasheet HTML 272Page - PMC-Sierra, Inc PM7344 Datasheet HTML 273Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
253
Symbol
Parameter
Min
Typ
Max
Units
Conditions
IIL
Input Low Current -10
0
+10
µA
VIL = GND, Notes
2, 3
IIH
Input High
Current
-10
0
+10
µA
VIH = VDD, Notes
2, 3
IDDOP1
Operating Current
(T1 format)
29
50
mA
VDD = 5.5 V,
Outputs Unloaded,
XCLK = 37.056
MHz,
TCLKI = 1.544
MHz,
RDP[4:1]/RDN[4:1]
= 1.544 Mbit/s,
RFCLK = 25 MHz,
TFCLK = 25 MHz
IDDOP2
Operating Current
(E1 format)
33
55
mA
VDD = 5.5 V,
Outputs Unloaded,
XCLK = 49.152
MHz,
TCLKI = 2.048
MHz,
RDP[4:1]/RDN[4:1]
= 2.048 Mbit/s,
RFCLK = 25 MHz,
TFCLK = 25 MHz
IDDOP3
Operating Current
(J2 format)
24
45
mA
VDD = 5.5 V,
Outputs Unloaded,
TCLKI = 6.312
MHz
RCLKI[4:1] = 6.312
MHz, RFCLK = 25
MHz, TFCLK = 25
MHz
IDDOP4
Operating Current
(Arbitrary format)
48
75
mA
VDD = 5.5 V,
Outputs Unloaded,
TCLKI = 25 MHz,
RCLKI[4:1] = 25
MHz, RFCLK = 25
MHz, TFCLK = 25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com