Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 176 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 176 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 172Page - PMC-Sierra, Inc PM7344 Datasheet HTML 173Page - PMC-Sierra, Inc PM7344 Datasheet HTML 174Page - PMC-Sierra, Inc PM7344 Datasheet HTML 175Page - PMC-Sierra, Inc PM7344 Datasheet HTML 176Page - PMC-Sierra, Inc PM7344 Datasheet HTML 177Page - PMC-Sierra, Inc PM7344 Datasheet HTML 178Page - PMC-Sierra, Inc PM7344 Datasheet HTML 179Page - PMC-Sierra, Inc PM7344 Datasheet HTML 180Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
160
Registers 049H, 149H, 249H and 349H: PMON Framing Bit Error Count
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R
FER[6]
X
Bit 5
R
FER[5]
X
Bit 4
R
FER[4]
X
Bit 3
R
FER[3]
X
Bit 2
R
FER[2]
X
Bit 1
R
FER[1]
X
Bit 0
R
FER[0]
X
These registers indicate the number of framing bit error events that occurred
during the previous accumulation interval. When T1-SF format is enabled, the
counter accumulates Ft and Fs bit errors. When T1-ESF format is enabled, the
counter accumulates Fe bit errors. When E1 format is enabled, the counter
accumulates frame alignment signal (FAS) bit errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com