Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 4 Page - Texas Instruments

  LMK6C Datasheet HTML 1Page - Texas Instruments LMK6C Datasheet HTML 2Page - Texas Instruments LMK6C Datasheet HTML 3Page - Texas Instruments LMK6C Datasheet HTML 4Page - Texas Instruments LMK6C Datasheet HTML 5Page - Texas Instruments LMK6C Datasheet HTML 6Page - Texas Instruments LMK6C Datasheet HTML 7Page - Texas Instruments LMK6C Datasheet HTML 8Page - Texas Instruments LMK6C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
C
LMK6
050.000
T
E
Output Type
C: LVCMOS
Sub-Family Options
E: Pin 1 – Output Enable (Active High or NC)
A: Pin 1 – Stand By
(Active Low)
Note: Contact TI for other options for Output Enable
and Stand By.
Frequency Options
125000
= 125 MHz
12500
= 125 MHz
033333
= 33.333 MHz
008192
= 8.192 MHz
XXX.XXX or XXX.XX = Custom Frequency Code
Note 1: Part number may have 5 digits or 6 digits.
Note 2: For the 5 digit frequency option, the first 3 digits are before the
decimal point and the last 2 digits are after the decimal point.
For the 6 digit frequency option, the first 3 digits are before the decimal
point and the last 3 digits are after the decimal point.
Note 3: Contact TI for custom frequency options
C
Voltage/Temperature Rating
C: 2.5 V - 3.3 V ±5%, -40 °C to 105 °C
D: 1.8 V ±5%, -40 °C to 105 °C
DLF
Package Size
DLE: 3.2 mm x 2.5 mm
DLF: 2.5 mm x 2.0 mm
Packaging Method
T: Small Reel
R: Large Reel
Product Family
Figure 4-2. Part Number Guide: LMK6C
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com