Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 25Page - Texas Instruments LMK6C Datasheet HTML 26Page - Texas Instruments LMK6C Datasheet HTML 27Page - Texas Instruments LMK6C Datasheet HTML 28Page - Texas Instruments LMK6C Datasheet HTML 29Page - Texas Instruments LMK6C Datasheet HTML 30Page - Texas Instruments LMK6C Datasheet HTML 31Page - Texas Instruments LMK6C Datasheet HTML 32Page - Texas Instruments LMK6C Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
Temperature (oC)
-40
-20
0
20
40
60
80
100
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
0 pF
2.2 pF
4.7 pF
10 pF
15 pF
22 pF
Figure 9-3. Rise / Fall time (ps) vs Temperature for 50MHz Output Frequency, 3.3V Supply
Temperature (oC)
-40
-20
0
20
40
60
80
100
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
0 pF
2.2 pF
4.7 pF
Figure 9-4. Rise / Fall time (ps) vs Temperature for 100MHz Output Frequency, 3.3V Supply
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com