Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 54 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 50Page - Texas Instruments LMK6C Datasheet HTML 51Page - Texas Instruments LMK6C Datasheet HTML 52Page - Texas Instruments LMK6C Datasheet HTML 53Page - Texas Instruments LMK6C Datasheet HTML 54Page - Texas Instruments LMK6C Datasheet HTML 55Page - Texas Instruments LMK6C Datasheet HTML 56Page - Texas Instruments LMK6C Datasheet HTML 57Page - Texas Instruments LMK6C Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
NOTES: (continued)
3. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271)
.
EXAMPLE BOARD LAYOUT
4225946/D 03/2023
www.ti.com
VSON - 1 mm max height
DLF0004A
PLASTIC QUAD FLAT PACK-NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SOLDER MASK DETAILS
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
EXPOSED METAL
0.07 MAX
ALL AROUND
METAL
SOLDER MASK
OPENING
0.07 MIN
ALL AROUND
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
(1.5)
4X
(0.825)
(1.65)
4X (0.9)
4X (0.65)
(R0.05) TYP
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com