Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 6Page - Texas Instruments LMK6C Datasheet HTML 7Page - Texas Instruments LMK6C Datasheet HTML 8Page - Texas Instruments LMK6C Datasheet HTML 9Page - Texas Instruments LMK6C Datasheet HTML 10Page - Texas Instruments LMK6C Datasheet HTML 11Page - Texas Instruments LMK6C Datasheet HTML 12Page - Texas Instruments LMK6C Datasheet HTML 13Page - Texas Instruments LMK6C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
over Recommended Operating Conditions, Typical Temp = 25°C, Frequency output = 156.25 MHz, VDD = 3.3 V, LVCMOS
Output Capacitor load = 2.2 pF (unless otherwise specified)(7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ΔdV/dt
Output Slew Rate variation
20
%
ODC
Output Duty Cycle
45
50
55
%
LVCMOS Output Characteristics
Fout
Output Frequency
1
200
MHz
VOL
Output Low Voltage
IOL = 3.6 mA, VDD = 1.8 V
0.36
V
IOL = 5.0 mA, VDD = 2.5 V
0.5
V
IOL = 6.6 mA, VDD = 3.3 V
0.66
V
VOH
Output High Voltage
IOH = 3.6 mA, VDD = 1.8 V
1.44
V
IOH = 5.0 mA, VDD = 2.5 V
2
V
IOH = 6.6 mA, VDD = 3.3 V
2.64
V
tR/tF
Output Rise/Fall Time
20% to 80% of VOH -VOL, CL = 2 pF
0.5
1
ns
ODC
Output Duty Cycle
45
50
55
%
Rout
Output Impedance
OE = HIGH
40
50
60
Ω
CL
Maximum capacitive load
Fout > 50 MHz(3)
15
pF
Fout < 50 MHz(3)
30
pF
Function Pin Input Characteristics (OE/ST pin)
VIL
Input Low Voltage
0.6
V
VIH
Input High Voltage
1.3
V
IIL
Input Low Current
OE = GND
-40
µA
IIH
Input High Current
OE = VDD
40
µA
CIN
Input Capacitance
2
pF
LVDS, HCSL and LVPECL Frequency Tolerance
FT
Total Frequency Stability
Inclusive of: solder shift, initial tolerance,
variation over -40
℃ to 85℃, variation
over rated supply voltage range, and 10
year aging at 25
℃.
–25
25
ppm
Inclusive of: solder shift, initial tolerance,
variation over -40
℃ to 85℃, variation
over supply voltage range.
–20
20
ppm
LVCMOS Frequency Tolerance
FT
Total Frequency Stability
Inclusive of: solder shift, initial tolerance,
variation over -40
℃ to 105℃, variation
over rated supply voltage range, and 10
year aging at 25
℃.
-25
25
ppm
Inclusive of: solder shift, initial tolerance,
variation over -40
℃ to 105℃, variation
over rated supply voltage range.
-20
20
ppm
Differential output PSRR Characteristics
PSRR
Spur induced by 50 mV power supply
ripple at 156.25 MHz output, VDD = 2.5
V/3.3 V, No power supply decoupling
capacitor
Sine wave at 50 kHz
–71
dBc
Sine wave at 100 kHz
–71
dBc
Sine wave at 500 kHz
–72
dBc
Sine wave at 1 MHz
–70
dBc
PSRR
Spur induced by 50 mV power supply
ripple at 156.25 MHz output, VDD = 1.8
V, No power supply decoupling capacitor
Sine wave at 50 kHz
–64
dBc
Sine wave at 100 kHz
–64
dBc
Sine wave at 500 kHz
–67
dBc
Sine wave at 1 MHz
–68
dBc
PSRR
Jitter sensitivity to Power supply ripple;
100 kHz sine wave ripple, 3.3 V Supply(2)
4
fs/mV
LVCMOS PSRR Characteristics
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com