Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 9Page - Texas Instruments LMK6C Datasheet HTML 10Page - Texas Instruments LMK6C Datasheet HTML 11Page - Texas Instruments LMK6C Datasheet HTML 12Page - Texas Instruments LMK6C Datasheet HTML 13Page - Texas Instruments LMK6C Datasheet HTML 14Page - Texas Instruments LMK6C Datasheet HTML 15Page - Texas Instruments LMK6C Datasheet HTML 16Page - Texas Instruments LMK6C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
over Recommended Operating Conditions, Typical Temp = 25°C, Frequency output = 156.25 MHz, VDD = 3.3 V, LVCMOS
Output Capacitor load = 2.2 pF (unless otherwise specified)(7)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PN1k
Phase Noise at 1 kHz Offset
Fout = 156.25 MHz.
–95
dBc/Hz
PN10k
Phase Noise at 10 kHz Offset
–127
dBc/Hz
PN100k
Phase Noise at 100 kHz Offset
–146
dBc/Hz
PN1M
Phase Noise at 1 MHz Offset
–156
dBc/Hz
PN10M
Phase Noise at 10 MHz Offset
–158
dBc/Hz
RJ
RMS Jitter (Integration BW: 12 kHz to 20
MHz)
Fout = 312.5 MHz
100
125
fs
PN1k
Phase Noise at 1 kHz Offset
Fout = 312.5 MHz.
–89
dBc/Hz
PN10k
Phase Noise at 10 kHz Offset
–121
dBc/Hz
PN100k
Phase Noise at 100 kHz Offset
–140
dBc/Hz
PN1M
Phase Noise at 1 MHz Offset
–150
dBc/Hz
PN10M
Phase Noise at 10 MHz Offset
–154
dBc/Hz
RJ
RMS Jitter (Integration BW: 12 kHz to 20
MHz)
Fout = 100 MHz
125
170
fs
Fout = 125 MHz
100
125
fs
Fout = 155.52 MHz
100
125
fs
Fout = 161.1328125 MHz
110
150
fs
Fout = 200 MHz
120
150
fs
Fout = 400 MHz
100
135
fs
RPeriodJITT
,RMS
RMS Period Jitter
Fout ≥ 25 MHz
1.7
ps
RJITT,PK-
PK
Peak-peak Period Jitter
Fout ≥ 25 MHz
13
ps
LVCMOS - Clock Output Jitter
RJ
RMS Jitter (Integration BW: 12 kHz to 20
MHz)
Fout = 156.25 MHz
0.25
0.5
ps
PN1k
Phase Noise at 1 kHz Offset
Fout = 156.25 MHz
–100
dBc/Hz
PN10k
Phase Noise at 10 kHz Offset
–128
dBc/Hz
PN100k
Phase Noise at 100 kHz Offset
–143
dBc/Hz
PN1M
Phase Noise at 1 MHz Offset
–150
dBc/Hz
PN10M
Phase Noise at 10 MHz Offset
–152
dBc/Hz
RJ
RMS Jitter (Integration BW: 12 kHz to 5
MHz)
Fout = 24 MHz
0.25
0.5
ps
Fout = 25 MHz
0.25
0.5
ps
Fout = 33.33 MHz
0.25
1
ps
RMS Jitter (Integration BW: 12 kHz to 20
MHz)
Fout = 40 MHz
0.5
1
ps
Fout = 50 MHz
0.4
1
ps
Fout = 66.66 MHz
0.5
1
ps
Fout = 74.25 MHz
0.3
0.5
ps
Fout = 78 MHz
0.35
0.5
ps
Fout = 100 MHz
0.35
0.5
ps
Fout = 125 MHz
0.35
0.5
ps
RPeriodJITT
,RMS
RMS Period Jitter
Fout ≥ 25 MHz
1.5
ps
RJITT,PK-
PK
Peak-peak Period Jitter
Fout ≥ 25 MHz
13
ps
(1)
DC Load condition
(2)
Measured using TI LMK6x Evaluation Module;
(3)
Refer to Application Curves section for Rise time and fall time details for different capacitor load values.
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com