Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 60 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 55Page - Texas Instruments LMK6C Datasheet HTML 56Page - Texas Instruments LMK6C Datasheet HTML 57Page - Texas Instruments LMK6C Datasheet HTML 58Page - Texas Instruments LMK6C Datasheet HTML 59Page - Texas Instruments LMK6C Datasheet HTML 60Page - Texas Instruments LMK6C Datasheet HTML 61Page - Texas Instruments LMK6C Datasheet HTML 62Page - Texas Instruments LMK6C Datasheet HTML 63Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
PACKAGE OUTLINE
4225945/B 10/2020
www.ti.com
VSON - 1 mm max height
PLASTIC QUAD FLAT PACK-NO LEAD
DLE0004A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
2.6
2.4
3.3
3.1
PIN 1 INDEX AREA
1.0
0.8
0.05
0.00
(0.1) TYP
SEATING PLANE
C
1.6
2.1
4X
0.7
0.5
4X
0.75
0.65
PIN 1 ID
(OPTIONAL)
1
2
3
4
1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com