Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 24Page - Texas Instruments LMK6C Datasheet HTML 25Page - Texas Instruments LMK6C Datasheet HTML 26Page - Texas Instruments LMK6C Datasheet HTML 27Page - Texas Instruments LMK6C Datasheet HTML 28Page - Texas Instruments LMK6C Datasheet HTML 29Page - Texas Instruments LMK6C Datasheet HTML 30Page - Texas Instruments LMK6C Datasheet HTML 31Page - Texas Instruments LMK6C Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
9.2.1 Design Requirements
The LMK6x is a fixed-frequency oscillator with no programming needed. Make sure to follow the recommended
termination options as described in the Clock Output Interfacing and Termination section closely. Refer to the
Function Pins section to understand the pin 1 and pin 2 functions, and order the part number as per the
requirements for Output Enable (OE), Standby (ST) options.
9.2.2 Detailed Design Procedure
The LMK6x has three different options for differential output which are LVDS, LVPECL, HCSL type and one
LVCMOS single-ended output type. For designing with the any of the oscillator output type in actual system, use
the proper AC or DC termination based on the application requirement. Refer to the Clock Output Interfacing
and Termination section for the details of all the AC and DC termination schemes and use the appropriate
option. The figures in this section have all the AC and DC coupling options with the termination resistor
values. The LMK6x has an integrated LDO and has excellent PSRR performance as shown in the Electrical
Characteristics table. Refer to the LMK6EVM for the reference layout recommendation while designing the
LMK6x BAW oscillator.
For the Function Pin 1 of LMK6C, connect typical 10kΩ or less resistor to VDD for driving the OE pin High.
Note this pin can be left open if using the pullup resistor is undesirable as the device has a greater than 100kΩ
internal pullup resistor. For driving the OE pin to Low, use the typical 10kΩ or less resistor as a pulldown resistor.
For the Function Pin 1 or Functional Pin 2 for LMK6D, LMK6H, LMK6P, you can use the similar approach
described for LMK6C.
9.2.3 Application Curves
The LMK6C LVCMOS output connects to different load capacitances based on the actual application use case
in a system. With the different load capacitance, the rise time / fall time varies for the specific output frequency.
The following graphs shows the Rise / Fall time for load capacitance of 2.2pF, 4.7pF, 10pF, 15pF and 22pF for
temperature range from –40°C to 105°C.
Temperature (oC)
-40
-20
0
20
40
60
80
100
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
0 pF
2.2 pF
4.7 pF
10 pF
15 pF
22 pF
Figure 9-2. Rise / Fall time (ps) vs Temperature for 25MHz Output Frequency, 3.3V Supply
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826E – APRIL 2022 – REVISED APRIL 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com