Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS35
Description  TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 5 Page - Texas Instruments

  TPS35 Datasheet HTML 1Page - Texas Instruments TPS35 Datasheet HTML 2Page - Texas Instruments TPS35 Datasheet HTML 3Page - Texas Instruments TPS35 Datasheet HTML 4Page - Texas Instruments TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Table 5-1. Pin Functions
PIN
NAME
PIN NUMBER
I/O
DESCRIPTION
PINOUT
A
PINOUT
B
PINOUT
C
PINOUT
D
PINOUT
J
PINOUT
K
CRST
3
3
—
—
—
2
I
Programmable reset timeout pin. Connect a capacitor
between this pin and GND to program the reset timeout
period. See Section 7.3.4 for more details.
CWD
2
2
—
—
—
1
I
Programmable watchdog timeout input. Watchdog timeout
is set by connecting a capacitor between this pin and
ground. See Section 7.3.2.1 for more details.
GND
4
4
4
4
4
4
—
Ground pin
MR
1
—
2
—
—
—
I
Manual reset pin. A logic low on this pin asserts the
RESET. See Section 7.3.3 for more details.
RESET
7
7
7
7
5
5
O
Reset output. Connect RESET to VDD using a pull up
resistance when using open drain output. RESET is
asserted when the voltage at the VDD pin goes below the
undervoltage threshold (VIT-) or MR pin is driven LOW. For
pinout options which do not support independent WDO pin,
RESET is also asserted for watchdog error. See Section
7.3.4 for more details.
SET0
5
1
1
1
1
—
I
Logic input. SET0, SET1, and WD-EN pins select the
watchdog and enable-disable the watchdog; see Section
7.3.2.4 for more details.
SET1
—
5
5
5
—
—
I
Logic input. SET0, SET1, and WD-EN pins select the
watchdog and enable-disable the watchdog; see Section
7.3.2.4 for more details.
VDD
8
8
8
8
6
6
I
Supply voltage pin. For noisy systems, connecting a 0.1-
µF bypass capacitor is recommended.
WD-EN
—
—
6
2
2
—
I
Logic input. Logic high input enables the watchdog
monitoring feature. See Section 7.3.2.2 for more details.
WDI
6
6
3
3
3
3
I
Watchdog input. A falling transition (edge) must occur at
this pin before the timeout expires in order for RESET /
WDO to not assert. See Section 7.3.2 for more details.
WDO
—
—
—
6
—
—
O
Watchdog output. Connect WDO to VDD using pull up
resistance when using open drain output. WDO asserts
when a watchdog error occurs. WDO only asserts when
RESET is high. When a watchdog error occurs, WDO
asserts for the set RESET timeout delay (tD). When
RESET is asserted, WDO is deasserted and watchdog
functionality is disabled. See Section 7.3.4 for more
details.
www.ti.com
TPS35
SNVSCF5A – JUNE 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com