Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS35
Description  TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 2Page - Texas Instruments TPS35 Datasheet HTML 3Page - Texas Instruments TPS35 Datasheet HTML 4Page - Texas Instruments TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range, unless otherwise noted(1)
MIN
MAX
UNIT
Voltage
VDD
–0.3
6.5
V
Voltage
CWD, CRST, WD–EN, SETx, WDI, MR (2), WDO (Push Pull)
–0.3
VDD+0.3 (3)
V
RESET (Open Drain), WDO (Open Drain)
–0.3
6.5
Current
WDO pin
–20
20
mA
Temperature (4)
Operating ambient temperature, TA
–40
125
℃
Temperature
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR.
(3)
The absolute maximum rating is (VDD + 0.3) V or 6.5 V, whichever is smaller
(4)
As a result of the low dissipated power in this device, it is assumed that TJ = TA.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
± 2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101(2)
± 750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Voltage
VDD (Active Low output)
0.9
6
V
CWD, CRST, WD–EN, SETx, WDI, MR (1)
0
VDD
RESET (Open Drain) , WDO (Open Drain)
0
6
RESET (Open Drain) , WDO (Push Pull)
0
VDD
Current
RESET, WDO pin current
–5
5
mA
CRST
CRST pin capacitor range
1.5
1800
nF
CWD
CWD pin capacitor range
1.5
1000
nF
TA
Operating ambient temperature
–40
125
℃
(1)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR. VMR should not be higher than VDD.
TPS35
SNVSCF5A – JUNE 2023 – REVISED DECEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com