Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS35
Description  TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 15Page - Texas Instruments TPS35 Datasheet HTML 16Page - Texas Instruments TPS35 Datasheet HTML 17Page - Texas Instruments TPS35 Datasheet HTML 18Page - Texas Instruments TPS35 Datasheet HTML 19Page - Texas Instruments TPS35 Datasheet HTML 20Page - Texas Instruments TPS35 Datasheet HTML 21Page - Texas Instruments TPS35 Datasheet HTML 22Page - Texas Instruments TPS35 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
7.3.2.1 tWD Timer
The tWD timer for TPS35 can be set using an external capacitor connected between CWD pin and GND pin.
This feature is available with pinout options A or B or K. Applications which are space constrained or need timer
values which meet offered timer options, can benefit when using pinout options C or D or J. The TPS35 offers
multiple fixed timer options ranging from 1 msec up-to 100 sec.
The TPS35, when using capacitance based timer, senses the capacitance value during the power up or after
a RESET event. The capacitor is charged and discharged with known internal current source for one cycle
to sense the capacitance value. The sensed value is used to arrive at tWD timer for the watchdog operation.
This unique implementation helps reduce the continuous charge and discharge current for the capacitor, thus
reducing overall current consumption. Continuous charge and discharge of capacitance creates wider dead
time (no watchdog monitor functionality) when capacitor is discharging. The dead time is higher for high value
of capacitance. The unique implementation of TPS35 helps avoid the dead time as the capacitance is not
continuously charging or discharging under normal operation. Make sure CCWD is < 200 x CCRST for accurate
calibration of capacitance. Equation 1 highlights the relationship between tWD in second and CWD capacitance
in farad. The tWD timer is 20% accurate for an ideal capacitor. Accuracy of the capacitance will have additional
impact on the tWD time. Make sure the capacitance meets the recommended operating range. Capacitance
outside the recommended range can lead to incorrect operation of the device.
tWD (sec) = 4.95 x 106 x CCWD (F)
(1)
The TPS35 also offers wide selection of high accuracy fixed timer options starting from 1 msec to 100 sec
including various industry standard values. The TPS35 fixed time options are ±10% accurate for tWD ≥ 10 msec.
For tWD < 10 msec, the accuracy is ±20%. tWD value relevant to application can be identified from the orderable
part number. Refer Section 4 section to identify mapping of orderable part number to tWD value.
The TPS35 offers flexibility to change the tWD value on the fly by controlling the logic levels on the SETx pins.
Section 7.3.2.4 section explains the advantages offered by this feature and the device behavior with various
SETx pin combinations.
7.3.2.2 Watchdog Enable Disable Operation
The TPS35 supports watchdog enable or disable functionality. This functionality is critical for different use cases
as listed below.
• Disable watchdog during firmware update to avoid host RESET.
• Disable watchdog during software step-by-step debug operation.
• Disable watchdog when performing critical task to avoid watchdog error interrupt.
• Keep watchdog disabled until host boots up.
The TPS35 supports watchdog enable or disable functionality through either WD-EN pin (pin configuration C) or
SET[1:0] = 0b'01 (pin configuration B) logic combination. For a given pinout only one of these two methods is
available for the user to disable watchdog operation.
For a pinout which offers a WD-EN pin, the watchdog enable disable functionality is controlled by the logic state
of WD-EN pin. Drive WD-EN = 1 to enable the watchdog operation or drive WD-EN = 0 to disable the watchdog
operation. The WD-EN pin can be toggled any time during the device operation. The Figure 7-9 diagram shows
timing behavior with WD-EN pin control.
www.ti.com
TPS35
SNVSCF5A – JUNE 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com