Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS35
Description  TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 1 Page - Texas Instruments

  TPS35 Datasheet HTML 1Page - Texas Instruments TPS35 Datasheet HTML 2Page - Texas Instruments TPS35 Datasheet HTML 3Page - Texas Instruments TPS35 Datasheet HTML 4Page - Texas Instruments TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
1 Features
• Factory programmed or user-programmable
watchdog timeout
– ±10% Accurate timer (maximum)
– Factory programmed: 1 msec to 100 sec
• Factory programmed or user-programmable reset
delay
– ±10% Accurate timer (maximum)
– Factory programmed option: 2 msec to 10 sec
• Input voltage range: VDD = 1.04 V to 6.0 V
• Fixed threshold voltage (VIT-): 1.05 V to 5.4 V
– Threshold voltage available in 50 mV steps
– 1.2% Voltage threshold accuracy (maximum)
– Built-in hysteresis (VHYS): 5% (typical)
• Ultra low supply current: IDD = 250 nA (typical)
• Open-drain, push-pull; active-low outputs
• Various programmability options:
– Watchdog enable-disable
– Watchdog startup delay: no delay to 10 sec
– On the fly timer extension: 1X to 256X
– Latched output option
• MR functionality support
2 Applications
• Robot servo drive
• Mixed module (AI, AO, DI, DO)
• HVAC controller
• Electricity meter
• Infusion pump
• Surgical equipment
3 Description
The TPS35 is an ultra-low power consumption
(250 nA typical) device offering a precision voltage
supervisor with a programmable timeout watchdog
timer. The TPS35 supports wide threshold levels for
undervoltage supervision with 1.2% accuracy across
the specified temperature range.
The TPS35 offers a high accuracy timeout watchdog
timer with a host of features for a wide variety of
applications. The timeout watchdog timer can be
factory programmed or user programmed using an
external capacitor. The timer value can be changed
on-the-fly using a combination of logic pins. The
watchdog also offers unique features such as enable-
disable, start-up delay, independent WDO pin option.
The RESET or WDO delay can be set by factory-
programmed default delay settings or programmed by
an external capacitor. The device also offers a latched
output operation where the output is latched until the
supervisor or watchdog fault is cleared.
The
TPS35
provides
a
performance
upgrade
alternative to TPS3851 device family. The TPS35 is
available in a small 6-pin WSON and 8-pin SOT-23
package.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TPS35
DDF (8)
2.90 mm × 1.60 mm
TPS35
DSE (6)
1.50 mm × 1.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
TPS35
µC
GPIO
WDI
WD-EN
GPIO
SET[0:1]
GPIO
GND
GND
VDD
VDD
CWD
CRST
GND
TPS35 offers various pinout options to support different features.
Choose suitable pinout based on application needs
Supply
MR
RESET
WDO
NMI
RESET
Typical Application Circuit
Ambient Temperature (
C)
-40
-7
26
59
92
125
-10
-5
0
5
10
Device lot 1
Device lot 2
Device lot 3
TPS35
SNVSCF5A – JUNE 2023 – REVISED DECEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS35 TI-TPS35 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35 TI-TPS35 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35 TI-TPS35 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI-TPS35 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35 TI1-TPS35 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
More results

Similar Description - TPS35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3435 TI-TPS3435 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1 Datasheet
1Mb / 31P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Watchdog Timer
NOVEMBER 2022
TPS3435 TI-TPS3435_V01 Datasheet
1Mb / 33P
TPS3435 Nano IQ Precision Timeout Watchdog Timer
DECEMBER 2022
TPS35-Q1 TI-TPS35-Q1_V01 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI-TPS35 Datasheet
1Mb / 46P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35-Q1 TI1-TPS35-Q1_V02 Datasheet
1Mb / 39P
TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3435-Q1 TI1-TPS3435-Q1_V01 Datasheet
1Mb / 36P
TPS3435-Q1 Automotive Nano IQ Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35 TI1-TPS35_V01 Datasheet
2Mb / 47P
TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com