Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS35
Description  TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments TPS35 Datasheet HTML 11Page - Texas Instruments TPS35 Datasheet HTML 12Page - Texas Instruments TPS35 Datasheet HTML 13Page - Texas Instruments TPS35 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
6.8 Switching Characteristics
At 1.04 V ≤ VDD ≤ 6 V, MR = Open, RESET pull-up resistor (Rpull-up) = 100 kΩ to VDD, WDO pull-up resistor (Rpull-up) =
100 kΩ to VDD, output RESET / WDO load (CLOAD) = 10 pF and over operating free-air temperature range –40℃ to 125℃,
unless otherwise noted. VDD ramp rate ≤ 1 V/µs. Typical values are at TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTRT
Startup delay(2)
500
µs
tP_HL
RESET detect delay for VDD falling below
VIT–
VDD : (VIT+ + 10%) to (VIT– – 10%)
(1)
30
50
µs
tSD
Watchdog startup delay
Orderable part number TPS35xA,
TPS35xG
0
ms
Orderable part number TPS35xB,
TPS35xH
180
200
220
Orderable part number TPS35xC,
TPS35xI
450
500
550
Orderable part number TPS35xD,
TPS35xJ
0.9
1
1.1
s
Orderable part number TPS35xE,
TPS35xK
4.5
5
5.5
Orderable part number TPS35xF,
TPS35xL
9
10
11
tD
Reset time delay (3)
Orderable part number
TPS35xxxxxxB
1.6
2
2.4
ms
Orderable part number
TPS35xxxxxxC
9
10
11
ms
Orderable part number
TPS35xxxxxxD
22.5
25
27.5
ms
Orderable part number
TPS35xxxxxxE
45
50
55
ms
Orderable part number
TPS35xxxxxxF
90
100
110
ms
Orderable part number
TPS35xxxxxxG
180
200
220
ms
Orderable part number
TPS35xxxxxxH
0.9
1
1.1
s
Orderable part number
TPS35xxxxxxI
9
10
11
s
tWDO
Watchdog timeout delay
tD
s
tMR_RES
Propagation delay from MR low to reset
assertion
VDD ≥ VIT– + 0.2 V,
MR = VMR_H to VMR_L
100
ns
tMR_tD
Delay from MR release to reset deassert
VDD = 3.3 V,
MR = VMR_L to VMR_H
tD
s
(1)
tP_HL measured from threshold trip point (VIT–) to RESET assert. VIT+ = VIT– + VHYS
(2)
Specified by design parameter. When VDD starts from less than the specified minimum VDD and then exceeds VIT+, reset is
deasserted after the startup delay (tSTRT) + tD delay.
(3)
VDD voltage transitions from (VIT– - 10%) to (VIT– + 10%)
TPS35
SNVSCF5A – JUNE 2023 – REVISED DECEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com