Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS35
Description  TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 25Page - Texas Instruments TPS35 Datasheet HTML 26Page - Texas Instruments TPS35 Datasheet HTML 27Page - Texas Instruments TPS35 Datasheet HTML 28Page - Texas Instruments TPS35 Datasheet HTML 29Page - Texas Instruments TPS35 Datasheet HTML 30Page - Texas Instruments TPS35 Datasheet HTML 31Page - Texas Instruments TPS35 Datasheet HTML 32Page - Texas Instruments TPS35 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
using Equation 4, the part number is reduced to TPS35xx13xxxxxxx. Since the hysteresis is 5% typical, the
positive-going threshold voltage, VIT+, is 1.73 V.
8.2.1.2.2 Meeting the Watchdog Timeout Period
The watchdog timeout design requirement can be met either by using a fixed-timeout version of the TPS35 or
by connecting a capacitor between the CWD pin and GND. The typical values can be met with preprogrammed
fixed time options, hence a pinout offering fixed time options is selected. Please see the Timing Requirements
for a list of fixed timeouts. If using the CWD feature, pinout A or B must be used; please refer to tWD Timer for
instructions on how to program the timout period. The design requirement in this example is tWD = 1.6 s. This is
one of the fixed timeout options offered by pinout C or D or J. Thus the possible variant option is narrowed down
to TPS35Cx13KAxDDFR.
8.2.1.2.3 Setting the Reset Delay
The reset delay requirement can be met either by using a fixed-timeout version of the TPS35 or by connecting
a capacitor between the CRST pin and GND. The typical values can be met with preprogrammed fixed time
options, hence a pinout offering fixed time options is selected. Please see the Timing Requirements for a list of
fixed timeouts. If using the CRST feature, pinout A or B must be used; please refer to the Timing Specifications
for instructions on how to program the timout period. The design requirement in this example is tD = 200 ms.
Thus the possible variant option is narrowed down to TPS35Cx13KAGDDFR.
8.2.1.2.4 Setting the Startup Delay and Output Topology
The startup delay and output topology are set by the device variant. Please refer to Device Comparison for
the possible options. A minimum startup delay of 700 ms and open-drain output are desired, thus Option
D, 1 s typical startup delay and open-drain active-low, is selected. Thus the option suitable to meet design
requirements is TPS35CD13KAGDDFR.
8.2.1.2.5 Calculating the RESET Pullup Resistor
The TPS35 uses an open-drain configuration for the RESET output, as shown in Figure 8-2.When the FET is
off, the resistor pulls the drain of the transistor to VDD and when the FET is turned on, the FET pulls the output
to ground, thus creating an effective resistor divider. The resistors in this divider must be chosen to make sure
that VOL is below its maximum value. To choose the proper pullup resistor, there are three key specifications
to keep in mind: the pullup voltage (VPU), the recommended maximum RESET pin current (IRST), and VOL. The
maximum VOL is 0.3 V, meaning that the effective resistor divider created must be able to bring the voltage
on the reset pin below 0.3 V with IRST kept below 2 mA for VDD ≥ 3 V and 500 μA for VDD = 1.5 V. For this
example, with a VPU =VDD = 1.5 V, a resistor must be chosen to keep IRST below 500 μA because this value is
the maximum consumption current allowed. To make sure this specification is met, a pullup resistor value of 10
kΩ was selected, which sinks a maximum of 180 μA when RESET is asserted.
RESET
VDD
RESET
CONTROL
Figure 8-2. Open-Drain RESET Configuration
8.3 Power Supply Recommendations
This device is designed to operate from an input supply with a voltage range between 1.04 V and 6 V. An input
supply capacitor is not required for this device; however, if the input supply is noisy, then good analog practice is
to place a 0.1-µF capacitor between the VDD pin and the GND pin.
www.ti.com
TPS35
SNVSCF5A – JUNE 2023 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com