Electronic Components Datasheet Search
  English  ▼

X  

TPS35 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS35
Description  TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS35 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS35 Datasheet HTML 4Page - Texas Instruments TPS35 Datasheet HTML 5Page - Texas Instruments TPS35 Datasheet HTML 6Page - Texas Instruments TPS35 Datasheet HTML 7Page - Texas Instruments TPS35 Datasheet HTML 8Page - Texas Instruments TPS35 Datasheet HTML 9Page - Texas Instruments TPS35 Datasheet HTML 10Page - Texas Instruments TPS35 Datasheet HTML 11Page - Texas Instruments TPS35 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
6.6 Electrical Characteristics
At 1.04 V ≤ VDD ≤ 6 V, MR = Open, RESET pull-up resistor (Rpull-up) = 100 kΩ to VDD, WDO pull-up resistor (Rpull-up) = 100
kΩ to VDD, output load (CLOAD) = 10 pF and over operating free-air temperature range –40℃ to 125℃, unless otherwise
noted. VDD ramp rate ≤ 1 V/µs. Typical values are at TA = 25℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMMON PARAMETERS
VDD
Input supply voltage
Active LOW output
1.04
6
V
VIT–
Negative-going input threshold accuracy
(1)
VIT– = 1.05 V to 1.95 V
–1.4
±0.5
1.4
%
VIT– = 2.0 V to 5.4 V
–1.2
±0.5
1.2
VHYS
Hysteresis VIT– pin
VIT– = 1.05 V to 5.4 V
3
5
7
%
IDD
Supply current into VDD pin (2)
VDD = 2 V
VIT– = 1.05 V to 1.95
V
TA = –40℃ to
85
℃
0.25
0.8
µA
0.25
3
VDD = 6 V
VIT– = 1.05 V to 5.4 V
TA = –40℃ to
85
℃
0.25
0.8
0.25
3
VIL
Low level input voltage WD–EN, WDI,
SETx, MR (2)
0.3VDD
V
VIH
High level input voltage WD–EN, WDI,
SETx, MR (2)
0.7VDD
V
RMR
Manual reset internal pull-up resistance
100
kΩ
RESET / WDO (Open-drain active-low)
VOL
Low level output voltage
VDD =1.5 V, 1.55 V ≤ VIT– ≤ 3.35 V
IOUT(Sink) = 500 µA
300
mV
VDD = 3.3 V, 3.4 V ≤ VIT– ≤ 5.4 V
IOUT(Sink) = 2 mA
300
mV
Ilkg(OD)
Open-Drain output leakage current
VDD = VPULLUP = 6V
TA = –40℃ to 85℃
10
30
nA
VDD = VPULLUP = 6V
10
120
nA
RESET / WDO (Push-pull active-low)
VPOR
Power on RESET voltage (3)
VOL(max) = 300 mV
IOUT(Sink) = 15 µA
900
mV
VOL
Low level output voltage
VDD = 0.9 V, 1.05 V ≤ VIT– ≤ 1.5 V
IOUT(Sink) = 15 µA
300
mV
VDD = 1.5 V, 1.55 V ≤ VIT– ≤ 3.35 V
IOUT(Sink) = 500 µA
300
VDD = 3.3 V, 3.4 V ≤ VIT– ≤ 5.4 V
IOUT(Sink) = 2 mA
300
VOH
High level output voltage
VDD = 1.8 V, 1.05 V ≤ VIT– ≤ 1.4 V
IOUT(Source) = 500 µA
0.8VDD
V
VDD = 3.3 V, 1.45 V ≤ VIT– ≤ 3.0 V
IOUT(Source) = 500 µA
0.8VDD
VDD = 6 V, 3.05 V ≤ VIT– ≤ 5.4 V
IOUT(Source) = 2 mA
0.8VDD
(1)
VIT– threshold voltage range from 1.05 V to 5.4 V in 50 mV steps.
(2)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR.
(3)
VPOR is the minimum VDD voltage level for a controlled output state
TPS35
SNVSCF5A – JUNE 2023 – REVISED DECEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com