Electronic Components Datasheet Search
  English  ▼

X  

HV7358 Datasheet(PDF) 2 Page - Microchip Technology

Part # HV7358
Description  16-Channel, 3-Level HV Ultrasound Transmitter with Built-in Transmit Beamformer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7358 Datasheet(HTML) 2 Page - Microchip Technology

  HV7358 Datasheet HTML 1Page - Microchip Technology HV7358 Datasheet HTML 2Page - Microchip Technology HV7358 Datasheet HTML 3Page - Microchip Technology HV7358 Datasheet HTML 4Page - Microchip Technology HV7358 Datasheet HTML 5Page - Microchip Technology HV7358 Datasheet HTML 6Page - Microchip Technology HV7358 Datasheet HTML 7Page - Microchip Technology HV7358 Datasheet HTML 8Page - Microchip Technology HV7358 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
HV7358
DS20005918A-page 2
 2018 Microchip Technology Inc.
Package Type
FIGURE 1:
HV7358 Pin Configuration.
The 168-lead TFBGA, with an outline 13 mm x 13 mm
body, 1.2 mm (max.) height and 0.8 mm pitch package,
is available.
Note that the backside of the die bias voltage, VSUB,
must be connected to ground (0V, GND). Because this
package is mounted onto a 4 x 4 inch, 4-layer, 1 oz
copper PCB, the maximum allowable power dissipation
is about 4W. The maximum junction temperature is
lower than +130°C and the package has an ambient
temperature of +55°C.
168-Ball
1 mm x 1 mm
0.8 mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
TX1
TX2
TX3
TX4
TX5
TX6
TX7
TX8
TX9
TX10
TX11
TX12
TX13
TX14
TX15
CLKN
CLKP
SDIN
SDIP
CSN
CSP
CKON
CKOP
SDON
SDOP
CSON
CSOP
TCKN
TCKP
TRIGP
TRIGN
VGN
LCKD
OTPN
CPLL
VLL
GND
GND
TXRW
W1
A1
A0
A2
INV
CW
SLEEP
SPIB
SDLY
DISC
W0
EN
LPWM
RSTN
BEN
DNC1
GND
ETO
ETI
AV
V
GND
TX0
GND
GND
VSUB
GND
DNC7
V
CNF
V
CNF
V
V
CPF
CPF
V
CNF
V
CNF
V
V
CPF
CPF
R
R
R
R
R
R
R
R
R
R
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
RX8
RX9
RX10
RX11
RX12
RX13
RX14
RX15
DNC5
DNC6
CPF
V
CNF
V
CPF
V
CNF
V
CPF
V
CNF
V
VV
V
VSUB
DNC4
DNC8
PV
PV
RDCP
RDCN
PV
PV
PV
PV
DNC2
DNC3
GND
V
GND
GND
VV
V
V
VV
CNEG
R
R
CNEG
CNEG
CNEG
R
R
CNEG
CNEG
CNEG
R
R
CNEG
CNEG
SCL
SDA
PEN
DNC9
DNC10
VSUB
VSUB
DNC11
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com