Electronic Components Datasheet Search
  English  ▼

X  

HV7358 Datasheet(PDF) 35 Page - Microchip Technology

Part # HV7358
Description  16-Channel, 3-Level HV Ultrasound Transmitter with Built-in Transmit Beamformer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7358 Datasheet(HTML) 35 Page - Microchip Technology

Back Button HV7358 Datasheet HTML 31Page - Microchip Technology HV7358 Datasheet HTML 32Page - Microchip Technology HV7358 Datasheet HTML 33Page - Microchip Technology HV7358 Datasheet HTML 34Page - Microchip Technology HV7358 Datasheet HTML 35Page - Microchip Technology HV7358 Datasheet HTML 36Page - Microchip Technology HV7358 Datasheet HTML 37Page - Microchip Technology HV7358 Datasheet HTML 38Page - Microchip Technology HV7358 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
 2018 Microchip Technology Inc.
DS20005918A-page 35
HV7358
TABLE 4-6:
TXCH PULSER AND RXCH SWITCH OUTPUT STATUS AT POWERED ON
Control Pins
Logic to
Gate Drive
CW Mode
TX0~15 Outputs and RXCH Switches Status
EN TXRW CW INV
POS
NEG
CW Logic
ETO/
ETI(5)
TX0~15
Output
RTZSW/
TRSW
RXDMP
Notes
11
0
0
0
0
Disable
0
RTZ
Off
On
TXCH B mode
noninverting(1)
11
0
0
1
0
Disable
0
VPP
Off
On
11
0
0
0
1
Disable
0
VNN
Off
On
11
0
0
1
1
Disable
1
RTZ+(3)
On
Off
RXCH mode
11
0
1
0
0
Disable
0
RTZ
Off
On
TXCH B mode
inverting(1)
11
0
1
0
1
Disable
0
VNN(6)
Off
On
11
0
1
1
0
Disable
0
VPP(6)
Off
On
11
0
1
1
1
Disable
1
RTZ+(3)
On
Off
RXCH mode(3)
11
1
0
0
0
Enable
0
high-Z(4)
Off
On
CW mode
noninverting(2)
11
1
0
1
0
Enable
0
VCW+
Off
On
11
1
0
0
1
Enable
0
VCW-
Off
On
11
1
0
1
1
Enable
0
RTZ+(3)
ON
Off
11
1
1
0
0
Enable
0
high-Z(4)
Off
On
CW mode
inverting(2)
11
1
1
0
1
Enable
0
VCW-
Off
On
11
1
1
1
0
Enable
0
VCW+
Off
On
11
1
1
1
1
Enable
0
RTZ+(3)
ON
Off
10
x
x
0
0
Disable
0
high-Z(4)
Off
On
SPI/I2C RW
0x
x
x
x
x
Disable
0
high-Z(4)
Off
ON
IC disabled
Note 1:
In B mode, you must use a low duty cycle (D%
 10%) due to the IC power dissipation limit.
2:
In CW mode (D% = 100%), the VPP/VNN output voltage must be reduced due to the IC power dissipation
limit.
3:
When the TXCH output is in RTZ+ state, the channel is in Receiving mode (RTZ+).
4:
When the TXCH output is in high-Z state, all output MOFETs are off.
5:
When ETI = 1 (TRSW), all channels are in Receiving mode after the delay.
6:
When INV = 1, Tx0~15 are inverting the output waveforms.
TABLE 4-7:
CHIP ENABLE, SLEEP AND OTP STATUS
EN
OTP,
VLLUV,
VDDUV
SLEEP
PEN
BEN
I2C
SPI
PLL
VPLL
VNEG, VPF,
VNF, LRs
SDO,
CSO,
CKO
TXCH Output
10
0
x
1
On
On
X
On
On
Enable
Normal
(VPP, VNN, RTZ,
high-Z, RTZ+ or
CW)
10
0
1
1
On
On
On
On
On
Enable
10
0
0
1
On
On
Off
On
On
Enable
10
0
x
0
On
On
X
On
On
Disable
10
1
x
x
On
Off
Off
Off
On
X
high-Z
11
x
x
x
On
Off
Off
Off
Off
Disable
high-Z
0x
x
x
x
On
Off
Off
Off
Off
Disable
high-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com